Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG200RGTR Datasheet(PDF) 1 Page - Texas Instruments

Part # LOG200RGTR
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200RGTR Datasheet(HTML) 1 Page - Texas Instruments

  LOG200RGTR Datasheet HTML 1Page - Texas Instruments LOG200RGTR Datasheet HTML 2Page - Texas Instruments LOG200RGTR Datasheet HTML 3Page - Texas Instruments LOG200RGTR Datasheet HTML 4Page - Texas Instruments LOG200RGTR Datasheet HTML 5Page - Texas Instruments LOG200RGTR Datasheet HTML 6Page - Texas Instruments LOG200RGTR Datasheet HTML 7Page - Texas Instruments LOG200RGTR Datasheet HTML 8Page - Texas Instruments LOG200RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
LOG200 Precision, High-Speed Logarithmic Amplifier
With Integrated Photodiode Bias
1 Features
• Ultra-fast transient response to low current levels:
– Settling time for 10nA to 100nA step:
240ns rising, 620ns falling (typ)
– Settling time for 100nA to 1μA step:
60ns rising, 150ns falling (typ)
• Wide dynamic range: 10pA to 10mA (180dB)
– Specified from 100pA to 10mA (160dB)
• High signal bandwidth:
– 20MHz at 10µA to 10mA
– 6.3MHz at 1μA
– 90kHz at 1nA
• High-accuracy transfer function:
– 0.2% max log conformity error (10nA to 100µA)
• Integrated reference current (1μA) and reference
voltages (2.5V and 1.65V)
• Additional auxiliary high-speed op amp for
differential ADC drive, single-ended gain or filter
blocks, and other peripheral functions
• Single supply (4.5V to 12.6V) or
dual supply (±2.25V to ±6.3V) operation
• Specified temperature range: –40°C to +125°C
• Small package options:
– 3mm × 3mm VQFN
– 1.6mm x 1.6mm DSBGA (Preview)
2 Applications
• Optical modules
• Inter-DC interconnect
• Optical network terminal unit
• Chemistry/gas analyzer
• Erbium-doped fiber optic amplifier (EDFA)
+
–
+
–
+
–
I2
I1
PD
Bias
IBIAS
VCM
+
–
REFGND
+
–
2.5V
1.65V
REF25
REF165
+
–
REFA
OUTA
OUTB
–IN
+IN
VS+
VS–
VS+
1μA
IREF
LOG200 Device Schematic
3 Description
The LOG200 is a wide-dynamic-range current-to-
voltage amplifier specifically designed to optimize
current measurements across 160dB of dynamic
range
with
unparalleled
accuracy
and
speed
for optical communications, medical diagnostics,
and industrial process-control measurements. The
LOG200 features two logarithmic amplifiers followed
by a high-accuracy differential amplifier that convert
current signals into a voltage representing the log-
compressed ratio of the two currents. The current
inputs are designed to feature a high-speed response
from one input, and a highly accurate reference
signal on the other input, allowing for a unique
combination of fast transient response and high
logarithmic conformity.
The LOG200 ratio is internally set to 250mV/
decade of current-to-voltage conversion. The device
integrates an uncommitted high-speed amplifier to
allow the output to be configured for differential or
filtered responses, with a fast settling time to drive
successive approximation analog-to-digital converters
(SAR ADCs). The LOG200 also features a separate
reference current and reference voltage designed to
configure the device for optimized input current and
common-mode voltages.
The LOG200 can be powered in a single-supply
(4.5V to 12.6V) or dual-supply (±2.25V to ±6.3V)
configuration and is specified from –40°C to +125°C.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
LOG200
RGT (VQFN, 16)
3mm × 3mm
YBH (DSBGA, 16)(3) 1.6mm × 1.6mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
Preview information (not Production Data).
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - LOG200RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LOG200 TI1-LOG200 Datasheet
1Mb / 25P
LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
AUGUST 2023
More results

Similar Description - LOG200RGTR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
LOG100 BURR-BROWN-LOG100 Datasheet
123Kb / 9P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
OPT301 BURR-BROWN-OPT301 Datasheet
163Kb / 11P
INTEGRATED PHOTODIODE AND AMPLIFIER
LOG101 BURR-BROWN-LOG101 Datasheet
281Kb / 13P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
OPT201 BURR-BROWN-OPT201 Datasheet
213Kb / 11P
INTEGRATED PHOTODIODE AND AMPLIFIER
LOG114 BURR-BROWN-LOG114 Datasheet
605Kb / 30P
Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
LOG114 BURR-BROWN-LOG114_12 Datasheet
806Kb / 29P
Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
LOG101AIDE4 BURR-BROWN-LOG101AIDE4 Datasheet
618Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG101AIDE4 TI-LOG101AIDE4 Datasheet
608Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
Si ??photodiode with integrated transimpedance amplifier
logo
Texas Instruments
LOG200 TI1-LOG200 Datasheet
1Mb / 25P
LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com