Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW2658A Datasheet(PDF) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW2658A
Description  Green energy-saving current mode PWM switching power supply controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW2658A Datasheet(HTML) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW2658A Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 8Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 9Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SW2658A
SAMWIN 绿色电源的最佳选择 HTTP://WWW.SEMIPOWER.COM.CN
第 3 页 共 9 页
SW2658A-CN-02
内部框图
极限参数
项目
数值
漏极电压(关闭状态)
-0.3V---650V
VDD电压
-0.3V---30V
VDD-G输入电压
-0.3V---30V
VDD箝位连续电流
10mA
FB输入电压
-0.3V---7V
SENSE输入电压
-0.3V---7V
最小/最大工作结温度Tj
-20℃---+150℃
最小/最大存储温度Tstg
-55℃---+160℃
引线温度(焊接,10秒)
260℃
说明:
1. 超出上列表的极限参数范围,可能会造成器件的永久性损坏.
2. 长时间工作在极限状态时,可能影响器件的可靠性.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com