Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RST5L-1002SW Datasheet(PDF) 1 Page - Belden Inc.

Part # RST5L-1002SW
Description  M12 Power Single-Ended Cordset: Male, straight, 5-pin(4FE), L-coded, black body, 50 V AC/60 V DC, 16 A; TPE yellow cable, 1.50 mm²
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RST5L-1002SW Datasheet(HTML) 1 Page - Belden Inc.

  RST5L-1002SW Datasheet HTML 1Page - Belden Inc. RST5L-1002SW Datasheet HTML 2Page - Belden Inc. RST5L-1002SW Datasheet HTML 3Page - Belden Inc. RST5L-1002SW Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product: RST 5L-1002 SW
M12 Power Single-Ended Cordset: Male, straight, 5-pin(4+FE), L-coded, black
body, 50 V AC/60 V DC, 16 A; TPE yellow cable, 1.50 mm²
Product Description
M12 Power Single-Ended Cordset: Male, straight, 5-pin(4+FE), L-coded, black body, 50 V AC/60 V DC, 16 A; TPE yellow cable, 1.50 mm²
Technical Drawing


Similar Part No. - RST5L-1002SW

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RST5L-950 BELDEN-RST5L-950 Datasheet
517Kb / 3P
M12 Power Single-Ended Cordset: Male, straight, 5-pin(4FE), L-coded, blue body, 50 V AC/60 V DC, 16 A; PUR grey cable, 2.50 mm²
RST5L-RKT5L-1002SW BELDEN-RST5L-RKT5L-1002SW Datasheet
542Kb / 4P
M12 Power Double-Ended Cordset: Male straight to Female straight, 5-pin(4FE), L-coded, black body, 50 V AC/60 V DC, 16 A; TPE yellow cable, 1.50 mm²
RST5L-RKT5L-949 BELDEN-RST5L-RKT5L-949 Datasheet
724Kb / 4P
M12 Power Double-Ended Cordset: Male straight to female straight, 5-pin(4FE), L-coded, blue body, 50 V AC/60 V DC, 16 A; PUR grey cable, 1.50 mm²
RST5L-RKT5L-950 BELDEN-RST5L-RKT5L-950 Datasheet
738Kb / 4P
M12 Power Double-Ended Cordset: Male straight to female straight, 5-pin(4FE), L-coded, blue body, 50 V AC/60 V DC, 16 A; PUR grey cable, 2.50 mm²
RST5L-RKWT5L-1001 BELDEN-RST5L-RKWT5L-1001 Datasheet
620Kb / 4P
M12 Power Double-Ended Cordset: Male straight to Female angled, 5-pin(4FE), L-coded, blue body, 50 V AC/60 V DC, 16 A; TPE black cable, 1.50 mm²
More results

Similar Description - RST5L-1002SW

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200651374 MOLEX-1200651374 Datasheet
41Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, 18 AWG, Yellow TPE Cable, 2.0m (6.56) Length
01/31/2023
1200652151 MOLEX-1200652151 Datasheet
41Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, 18 AWG, Yellow TPE Cable, 5.0m (16.40) Length
02/01/2023
1200652153 MOLEX-1200652153 Datasheet
40Kb / 1P
Micro-Change (M12) Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, 18 AWG, Yellow TPE Cable, 10.0m (32.81) Length
01/31/2023
1300060065 MOLEX-1300060065 Datasheet
29Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 1.0m (3.28) Length
04/03/2023
1300062541 MOLEX-1300062541 Datasheet
29Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 3.0m (9.84) Length
04/03/2023
1300062558 MOLEX-1300062558 Datasheet
29Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 2.0m (6.56) Length
03/21/2023
1300069050 MOLEX-1300069050 Datasheet
29Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 5.0m (16.40) Length
03/20/2023
1300069051 MOLEX-1300069051 Datasheet
29Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 10.0m (32.81) Length
03/27/2023
1300069052 MOLEX-1300069052 Datasheet
29Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 20.0m (65.62) Length
03/21/2023
logo
Belden Inc.
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com