Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RST5L-1002SW Datasheet(PDF) 3 Page - Belden Inc.

Part # RST5L-1002SW
Description  M12 Power Single-Ended Cordset: Male, straight, 5-pin(4FE), L-coded, black body, 50 V AC/60 V DC, 16 A; TPE yellow cable, 1.50 mm²
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RST5L-1002SW Datasheet(HTML) 3 Page - Belden Inc.

  RST5L-1002SW Datasheet HTML 1Page - Belden Inc. RST5L-1002SW Datasheet HTML 2Page - Belden Inc. RST5L-1002SW Datasheet HTML 3Page - Belden Inc. RST5L-1002SW Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Materials
Contact Base Material:
CuNi
Contact Plating:
Cu/Au
Contact Bearer Material:
PBT GF
Contact Bearer Color:
grey
Flammability Class (Contact Bearer):
UL 94 V-2
Molded Body Material:
TPE
Molded Body Color:
black
Flammability Class (Molded Body):
UL 94 HB
Attachment Material:
CuZn
Attachment Plating:
Cu/Ni
O-Ring Material:
FKM
Additional Technical Data
Fastening Torque (Contact Screw):
M 12x1: (60-65) Ncm, hand-tight
Cable Data
Cable Number:
1002
Conductor Size:
1.50 mm²
Conductor Resistance:
≤ 13.3 Ω/km (at 20 °C)
Number of Wires:
5
Minimal Bending Radius (Fixed Inst):
˃ 10 x D
Minimal Bending Radius (Flexible Inst):
˃ 10 x D
Cycles (Bending):
˃ 1 Mio
Conductor material:
Cu
Cable Jacket Material:
TPE
Cable Jacket Color:
yellow
Cable Diameter D:
Ø 9.4 mm ± 0.2 mm
Wire Insulation Material:
PVC
Insulated Wire Diameter:
ø 2.55 mm
Overall Shield (Cable):
-
Ambient Temperature (Fixed Installation): -40 °C to +90 °C
Ambient Temperature (Flex Installation):
-5 °C to +90 °C
Ambient Temperature (Drag Chain Inst):
-
UL Cable Type:
UL/CSA, NEC (UL) TC_ER, WTTC or AWM Style 20328 (900 V 105 °C)
Flammability Class (Cable Jacket):
UL1685 FT4/IEEE 1202 Vertical Tray Flame Test, FT4
Approvals
UL-File:
E497237
UL:
UL 2237; cULus
VDE:
Yes
Safety & Environmental Compliance
RoHS Compliant:
Yes
Resistances
Halogenfree:
-
Oil Resistance:
Oil Res II
Notes
Note Derating:
* Notice derating
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com