Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1185ACSW.TRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1185ACSW.TRT
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1185ACSW.TRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1185ACSW.TRT Datasheet HTML 5Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 6Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 7Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 8Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 9Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 10Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 11Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 12Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1185 & SC1185A
Layout Guidelines
COMPONENT SELECTION
COMPONENT SELECTION
COMPONENT SELECTION
COMPONENT SELECTION
COMPONENT SELECTION
S
SS
SSWIT
WIT
WIT
WIT
WITCHING SECTION
CHING SECTION
CHING SECTION
CHING SECTION
CHING SECTION
OUTPUT CAP
OUTPUT CAP
OUTPUT CAP
OUTPUT CAP
OUTPUT CAPAAAAACIT
CIT
CIT
CIT
CITORS
ORS
ORS
ORS
ORS - Selection begins with the most
critical component. Because of fast transient load current
requirements in modern microprocessor core supplies, the
output capacitors must supply all transient load current
requirements until the current in the output inductor ramps
up to the new level. Output capacitor ESR is therefore one
of the most important criteria. The maximum ESR can be
simply calculated from:
step
current
Transient
I
excursion
voltage
transient
Maximum
V
Where
I
V
R
t
t
t
t
ESR
=
=
≤
For example, to meet a 100mV transient limit with a 10A
load step, the output capacitor ESR must be less than
10m
Ω. To meet this kind of ESR level, there are three
available capacitor technologies.
y
g
o
l
o
n
h
c
e
T
.
p
a
C
h
c
a
E
.
y
t
Q
.
d
q
R
l
a
t
o
T
C
(
µ )
F
R
S
E
m
(
Ω)
C
(
µ )
F
R
S
E
m
(
Ω)
m
u
l
a
t
n
a
T
R
S
E
w
o
L0
3
30
66
0
0
0
20
1
N
O
C
-
S
O0
3
35
23
0
9
93
.
8
m
u
n
i
m
u
l
A
R
S
E
w
o
L0
0
5
14
45
0
0
5
73
.
8
The choice of which to use is simply a cost/performance
issue, with Low ESR Aluminum being the cheapest, but
taking up the most space.
INDUCT
INDUCT
INDUCT
INDUCT
INDUCTOR
OR
OR
OR
OR - Having decided on a suitable type and value
of output capacitor, the maximum allowable value of in-
ductor can be calculated. Too large an inductor will pro-
duce a slow current ramp rate and will cause the output
capacitor to supply more of the transient load current for
longer - leading to an output voltage sag below the ESR
excursion calculated above.
The maximum inductor value may be calculated from:
()
O
IN
O
A
A
t
ESR
V
V
or
V
of
lesser
the
is
V
where
V
I
C
R
L
−
⋅
≤
The calculated maximum inductor value assumes 100%
and 0% duty cycle, so some allowance must be made.
Choosing an inductor value of 50 to 75% of the calculated
maximum will guarantee that the inductor current will ramp
fast enough to reduce the voltage dropped across the ESR
at a faster rate than the capacitor sags, hence ensuring a
good recovery from transient with no additional excursions.
We must also be concerned with ripple current in the out-
put inductor and a general rule of thumb has been to
allow 10% of maximum output current as ripple current.
Note that most of the output voltage ripple is produced by
the inductor ripple current flowing in the output capacitor
ESR. Ripple current can be calculated from:
OSC
IN
L
f
L
4
V
I
RIPPLE
⋅
⋅
=
Ripple current allowance will define the minimum permit-
ted inductor value.
PO
PO
PO
PO
POWER FETS
WER FETS
WER FETS
WER FETS
WER FETS - The FETs are chosen based on several
criteria with probably the most important being power dis-
sipation and power handling capability.
TTTTTOP FET
OP FET
OP FET
OP FET
OP FET - The power dissipation in the top FET is a combi-
nation of conduction losses, switching losses and bottom
FET body diode recovery losses.
a) Conduction losses are simply calculated as:
IN
O
)
on
(
DS
2
O
COND
V
V
cycle
duty
=
where
R
I
P
≈
δ
δ
⋅
⋅
=
b) Switching losses can be estimated by assuming a switch-
ing time, if we assume 100ns then:
2
IN
O
SW
10
V
I
P
−
⋅
⋅
=
or more generally,
4
f
)
t
t
(
V
I
P
OSC
f
r
IN
O
SW
⋅
+
⋅
⋅
=
c) Body diode recovery losses are more difficult to esti-
mate, but to a first approximation, it is reasonable to as-
sume that the stored charge on the bottom FET body di-
ode will be moved through the top FET as it starts to turn
on. The resulting power dissipation in the top FET will be:
OSC
IN
RR
RR
f
V
Q
P
⋅
⋅
=
To a first order approximation, it is convenient to only con-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com