Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1185ACSW.TRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1185ACSW.TRT
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1185ACSW.TRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1185ACSW.TRT Datasheet HTML 6Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 7Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 8Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 9Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 10Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 11Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 12Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 13Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1185 & SC1185A
Layout Guidelines
sider conduction losses to determine FET suitability.
For a 5V in; 2.8V out at 14.2A requirement, typical FET
losses would be: Using 1.5X Room temp R
DS(ON) to allow for
temperature rise.
e
p
y
t
T
E
FR
)
n
o
(
S
D
m
(
Ω)P
D
)
W
(e
g
a
k
c
a
P
5
2
0
4
3
L
R
I5
19
6
.
1D2
k
a
P
3
0
2
2
L
R
I5
.
0
19
1
.
1D2
k
a
P
0
1
4
4
i
S0
26
2
.
28
-
0
S
BO
BO
BO
BO
BOTT
TT
TT
TT
TTOM FET
OM FET
OM FET
OM FET
OM FET - Bottom FET losses are almost entirely due
to conduction. The body diode is forced into conduction at
the beginning and end of the bottom switch conduction
period, so when the FET turns on and off, there is very
little voltage across it, resulting in low switching losses.
Conduction losses for the FET can be determined by:
)
1
(
R
I
P
)
on
(
DS
2
O
COND
δ
−
⋅
⋅
=
For the example above:
e
p
y
t
T
E
FR
)
n
o
(
S
D
m
(
Ω)P
D
)
W
(e
g
a
k
c
a
P
5
2
0
4
3
L
R
I5
13
3
.
1D2
k
a
P
3
0
2
2
L
R
I5
.
0
13
9
.
0D2
k
a
P
0
1
4
4
i
S0
27
7
.
18
-
0
S
Each of the package types has a characteristic thermal
impedance, for the TO-220 package, thermal impedance
is mostly determined by the heatsink used. For the sur-
face mount packages on double sided FR4, 2 oz printed
circuit board material, thermal impedances of 40oC/W for
the D2PAK and 80oC/W for the SO-8 are readily achiev-
able. The corresponding temperature rise is detailed be-
low:
(
e
s
ir
e
r
u
t
a
r
e
p
m
e
T
o
)
C
e
p
y
t
T
E
FT
E
F
p
o
TT
E
F
m
o
tt
o
B
5
2
0
4
3
L
R
I6
.
7
62
.
3
5
3
0
2
2
L
R
I6
.
7
42
.
7
3
0
1
4
4
i
S8
.
0
8
16
.
1
4
1
It is apparent that single SO-8 Si4410 are not adequate
for this application, but by using parallel pairs in each
position, power dissipation will be approximately halved
and temperature rise reduced by a factor of 4.
INPUT CAP
INPUT CAP
INPUT CAP
INPUT CAP
INPUT CAPAAAAACIT
CIT
CIT
CIT
CITORS
ORS
ORS
ORS
ORS - since the RMS ripple current in the
input capacitors may be as high as 50% of the output
current, suitable capacitors must be chosen accordingly.
Also, during fast load transients, there may be restrictions
on input di/dt. These restrictions require useable energy
storage within the converter circuitry, either as extra out-
put capacitance or, more usually, additional input capaci-
tors. Choosing low ESR input capacitors will help maximize
ripple rating for a given size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com