Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2CF-08 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # P2CF-08
Description  Solid-state Multi-functional Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 1 Page - Omron Electronics LLC

  P2CF-08 Datasheet HTML 1Page - Omron Electronics LLC P2CF-08 Datasheet HTML 2Page - Omron Electronics LLC P2CF-08 Datasheet HTML 3Page - Omron Electronics LLC P2CF-08 Datasheet HTML 4Page - Omron Electronics LLC P2CF-08 Datasheet HTML 5Page - Omron Electronics LLC P2CF-08 Datasheet HTML 6Page - Omron Electronics LLC P2CF-08 Datasheet HTML 7Page - Omron Electronics LLC P2CF-08 Datasheet HTML 8Page - Omron Electronics LLC P2CF-08 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Solid-state Multi-functional Timer
H3CR-A
B-109
Solid-state Multi-functional Timer
H3CR-A
DIN 48 x 48-mm State-of-the-art
Multifunctional Timer
• A wider power supply range reduces the number of timer mod-
els kept in stock.
• A wide range of applications through six or four operating
modes.
• Reduced power consumption.
(Except for H3CR-A8E)
• Enables easy sequence checks through instantaneous outputs
for a zero set value at any time range.
• Length, when panel-mounted with a Socket, of 80 mm or less.
• Time Setting Rings enable consistent settings and limit the set-
ting range.
• Panel Covers enable various panel designs.
• PNP input models available.
• Rich variety of inputs: Start, reset, and gate functions (11-pin
models and -AP models)
Model Number Structure
I Model Number Legend
1. Number of Pins
None: 11-pin models
8:
8-pin models
2. Input Type for 11-pin Models
None: No-voltage input (NPN type)
P:
Voltage input (PNP type)
3. Output
None: Relay output (DPDT)
S:
Transistor output (NPN/PNP universal use)
E:
Relay output (SPDT) with instantaneous relay output (SP-
DT)
4. Suffix
300: Dual mode models (signal ON/OFF-delay and one-shot)
301: Double time scale (range) models (0.1 s to 600 h)
H3CR-A
@@@-@
1 2 3
4


Similar Part No. - P2CF-08

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P2CF-08 OMRON-P2CF-08 Datasheet
685Kb / 28P
General-purpose Relays and Power Relays Sockets
P2CF-08 OMRON-P2CF-08 Datasheet
1Mb / 16P
DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
P2CF-08 OMRON-P2CF-08 Datasheet
1Mb / 23P
Separate Amplifier Sensor with Sensitivity Adjustment
P2CF-08 OMRON-P2CF-08 Datasheet
15Mb / 66P
Digital Counter/Tachometer
P2CF-08 OMRON-P2CF-08 Datasheet
398Kb / 15P
Solid-State Digital Timer
More results

Similar Description - P2CF-08

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Y92F-40 OMRON-Y92F-40 Datasheet
1,000Kb / 7P
Solid-state Timer
H3CR-AAC100240DC100125 OMRON-H3CR-AAC100240DC100125 Datasheet
3Mb / 22P
Solid-state Multi-functional Timers H3CR-A
H3Y OMRON-H3Y Datasheet
149Kb / 8P
Solid-state Timer
H3CR OMRON-H3CR Datasheet
2Mb / 61P
Solid-state Timer
H3JA OMRON-H3JA Datasheet
288Kb / 8P
Solid-state Timer
H3BA-N OMRON-H3BA-N Datasheet
1Mb / 22P
Solid-state Timer
H3BA-X OMRON-H3BA-X Datasheet
1Mb / 16P
Solid-state Timer
H3DE-M OMRON-H3DE-M Datasheet
1Mb / 34P
Solid-state Timer
H3CA OMRON-H3CA Datasheet
398Kb / 15P
Solid-State Digital Timer
logo
List of Unclassifed Man...
1071 ETC2-1071 Datasheet
79Kb / 1P
INDUSTRIAL SOLID STATE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com