Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2CF-08 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # P2CF-08
Description  Solid-state Multi-functional Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 3 Page - Omron Electronics LLC

  P2CF-08 Datasheet HTML 1Page - Omron Electronics LLC P2CF-08 Datasheet HTML 2Page - Omron Electronics LLC P2CF-08 Datasheet HTML 3Page - Omron Electronics LLC P2CF-08 Datasheet HTML 4Page - Omron Electronics LLC P2CF-08 Datasheet HTML 5Page - Omron Electronics LLC P2CF-08 Datasheet HTML 6Page - Omron Electronics LLC P2CF-08 Datasheet HTML 7Page - Omron Electronics LLC P2CF-08 Datasheet HTML 8Page - Omron Electronics LLC P2CF-08 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Solid-state Multi-functional Timer
H3CR-A
B-111
I Accessories (Order Separately)
Note: 1. Y92A-48G is a finger safe terminal cover which is attached to the P3G-08 or P3GA-11 Socket.
2. The Time Setting Ring and Panel Cover are sold together.
3. Hold-down Clips are sold in sets of two.
Specifications
I General
*The internal circuits are optically isolated from the output. This enables universal application as NPN or PNP transistor.
Name/specifications
Models
Flush Mounting Adapter
Y92F-30
Y92F-73
Y92F-74
Mounting Track
50 cm (
l) x 7.3 mm (t)
PFP-50N
1 m (
l) x 7.3 mm (t)
PFP-100N
1 m (
l) x 16 mm (t)
PFP-100N2
End Plate
PFP-M
Spacer
PFP-S
Protective Cover
Y92A-48B
Track Mounting/
Front Connecting Socket
8-pin
P2CF-08
8-pin, finger safe type
P2CF-08-E
11-pin
P2CF-11
11-pin, finger safe type
P2CF-11-E
Back Connecting Socket
8-pin
P3G-08
8-pin, finger safe type
P3G-08 with Y92A-48G (see note 1)
11-pin
P3GA-11
11-pin, finger safe type
P3GA-11 with Y92A-48G (see note 1)
Time Setting Ring
Setting a specific time
Y92S-27
Limiting the setting range
Y92S-28
Panel Cover (see note 2)
Light gray (5Y7/1)
Y92P-48GL
Black (N1.5)
Y92P-48GB
Medium gray (5Y5/1)
Y92P-48GM
Hold-down Clip (see note 3)
For PL08 and PL11 Sockets
Y92H-7
For PF085A Socket
Y92H-8
Item
H3CR-A/-AS
H3CR-AP
H3CR-A8/-A8S
H3CR-A8E
Operating mode
A: ON-delay
B: Flicker OFF start
B2: Flicker ON start
C: Signal ON/OFF-delay
D: Signal OFF-delay
E: Interval
G: Signal ON/OFF-delay (Only for H3CR-A-300)
J:
One-shot (Only for H3CR-A-300)
A: ON-delay (power supply start)
B2: Flicker ON start (power supply start)
E: Interval (power supply start)
J:
One-shot (power supply start)
Pin type
11-pin
8-pin
Input type
No-voltage input
Voltage input
---
Time-limit output type
H3CR-A/-A8/-AP:Relay output (DPDT)
H3CR-AS/-A8S: Transistor output (NPN/PNP universal)*
Relay output (SPDT)
Instantaneous output
type
---
Relay output (SPDT)
Mounting method
DIN track mounting, surface mounting, and flush mounting
Approved standards
UL508, CSA C22.2 No.14, NK, Lloyds
Conforms to EN61812-1 and IEC60664-1 (VDE0110) 4kV/2.
Output category according to EN60947-5-1 for Timers with Contact Outputs.
Output category according to EN60947-5-2 for Timers with Transistor Outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com