Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2003AID Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2003AID
Description  ULN200x, ULQ200x High-Voltage, High-Current Darlington Transistor Arrays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ULN2003AID Datasheet(HTML) 8 Page - Texas Instruments

Back Button ULN2003AID Datasheet HTML 4Page - Texas Instruments ULN2003AID Datasheet HTML 5Page - Texas Instruments ULN2003AID Datasheet HTML 6Page - Texas Instruments ULN2003AID Datasheet HTML 7Page - Texas Instruments ULN2003AID Datasheet HTML 8Page - Texas Instruments ULN2003AID Datasheet HTML 9Page - Texas Instruments ULN2003AID Datasheet HTML 10Page - Texas Instruments ULN2003AID Datasheet HTML 11Page - Texas Instruments ULN2003AID Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
5.12 Switching Characteristics: ULN2003AI
TA = –40°C to 105°C
PARAMETER
TEST CONDITIONS
ULN2003AI
UNIT
MIN
TYP
MAX
tPLH
Propagation delay time, low- to high-level output
See Figure 6-9
1
10
μs
tPHL
Propagation delay time, high- to low-level output
See Figure 6-9
1
10
μs
5.13 Switching Characteristics: ULQ2003A, ULQ2004A
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
ULQ2003A, ULQ2004A
UNIT
MIN
TYP
MAX
tPLH
Propagation delay time, low- to high-level output
See Figure 6-9
1
10
μs
tPHL
Propagation delay time, high- to low-level output
See Figure 6-9
1
10
μs
ULN2002A, ULN2003A, ULN2003AI
ULQ2003A, ULN2004A, ULQ2004A
SLRS027S – DECEMBER 1976 – REVISED JUNE 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ULN2002A ULN2003A ULN2003AI ULQ2003A ULN2004A ULQ2004A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com