Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2003AID Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2003AID
Description  ULN200x, ULQ200x High-Voltage, High-Current Darlington Transistor Arrays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ULN2003AID Datasheet(HTML) 9 Page - Texas Instruments

Back Button ULN2003AID Datasheet HTML 5Page - Texas Instruments ULN2003AID Datasheet HTML 6Page - Texas Instruments ULN2003AID Datasheet HTML 7Page - Texas Instruments ULN2003AID Datasheet HTML 8Page - Texas Instruments ULN2003AID Datasheet HTML 9Page - Texas Instruments ULN2003AID Datasheet HTML 10Page - Texas Instruments ULN2003AID Datasheet HTML 11Page - Texas Instruments ULN2003AID Datasheet HTML 12Page - Texas Instruments ULN2003AID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
5.14 Typical Characteristics
0
50 100 150 200 250 300 350 400 450 500
I
C- Collector Current - mA
0
1
2
3
4
5
6
7
8
9
10
I
I= 250μA
I
I= 350μA
I
I= 500μA
Figure 5-1. Collector-Emitter Saturation Voltage vs Collector
Current (One Darlington)
0
100 200 300 400 500 600 700 800
I
C(tot)- Total Collector Current - mA
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
I
I= 250μA
I
I= 350μA
I
I= 500μA
Figure 5-2. Collector-Emitter Saturation Voltage vs Total
Collector Current (Two Darlingtons in Parallel)
90
100
110
120
130
140
150
I
I- Input Current - μA
120
160
200
240
280
320
360
400
440
V
S=8V
V
S=10V
Figure 5-3. Collector Current vs Input Current
0
10 20 30 40 50 60 70 80 90 100
Duty Cycle - %
0
0.1
0.2
0.3
0.4
0.5
0.6
N = 1
N = 2
N = 3
N = 4
N = 5
N = 6
N = 7
Figure 5-4. D Package Maximum Collector Current vs Duty
Cycle (TA = 70°C)
0
20
40
60
80
100
Duty Cycle - %
0
0.1
0.2
0.3
0.4
0.5
0.6
N = 1
N = 2
N = 3
N = 4
N = 5
N = 6
N = 7
Figure 5-5. DYY Package Maximum Collector Current vs Duty
Cycle (TA = 70°C)
2
2.4 2.8 3.2 3.6
4
4.4 4.8 5.2
Input Voltage - V
200
400
600
800
1000
1200
1400
−40°C
25°C
105°C
Figure 5-6. Maximum and Typical Input Current vs Input Voltage
www.ti.com
ULN2002A, ULN2003A, ULN2003AI
ULQ2003A, ULN2004A, ULQ2004A
SLRS027S – DECEMBER 1976 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ULN2002A ULN2003A ULN2003AI ULQ2003A ULN2004A ULQ2004A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com