Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 139Page - STMicroelectronics ST72324BK Datasheet HTML 140Page - STMicroelectronics ST72324BK Datasheet HTML 141Page - STMicroelectronics ST72324BK Datasheet HTML 142Page - STMicroelectronics ST72324BK Datasheet HTML 143Page - STMicroelectronics ST72324BK Datasheet HTML 144Page - STMicroelectronics ST72324BK Datasheet HTML 145Page - STMicroelectronics ST72324BK Datasheet HTML 146Page - STMicroelectronics ST72324BK Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 188 page
background image
ST72324B
Electrical characteristics
143/188
12.5.3
Supply and clock managers
The previous current consumption specified for the ST7 functional operating modes over
temperature range does not take into account the clock source current consumption. To
obtain the total device consumption, the two current values must be added (except for Halt
mode).
12.5.4
On-chip peripherals
.
Table 90.
Oscillators, PLL and LVD current consumption
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD(RCINT) Supply current of internal RC oscillator
625
µA
IDD(RES)
Supply current of resonator oscillator(1)(2)
1.
Data based on characterization results done with the external components specified in Section 12.6.3, not
tested in production.
2.
As the oscillator is based on a current source, the consumption does not depend on the voltage.
see Section 12.6.3
on page 145
IDD(PLL)
PLL supply current
VDD = 5V
360
IDD(LVD)
LVD supply current
150
300
Table 91.
On-chip peripherals current consumption
Symbol
Parameter
Conditions
Typ
Unit
IDD(TIM) 16-bit timer supply current
(1)
1.
Data based on a differential IDD measurement between reset configuration (timer counter running at
fCPU/4) and timer counter stopped (only TIMD bit set). Data valid for one timer.
TA = 25°C, fCPU = 4 MHz, VDD =5.0V
50
µA
IDD(SPI) SPI supply current
(2)
2.
Data based on a differential IDD measurement between reset configuration (SPI disabled) and a permanent
SPI master communication at maximum speed (data sent equal to 55h). This measurement includes the
pad toggling consumption.
400
IDD(SCI) SCI supply current
(3)
3.
Data based on a differential IDD measurement between SCI low power state (SCID = 1) and a permanent
SCI data transmit sequence.
IDD(ADC) ADC supply current when converting
(4)
4.
Data based on a differential IDD measurement between reset configuration and continuous A/D
conversions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com