Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 142Page - STMicroelectronics ST72324BK Datasheet HTML 143Page - STMicroelectronics ST72324BK Datasheet HTML 144Page - STMicroelectronics ST72324BK Datasheet HTML 145Page - STMicroelectronics ST72324BK Datasheet HTML 146Page - STMicroelectronics ST72324BK Datasheet HTML 147Page - STMicroelectronics ST72324BK Datasheet HTML 148Page - STMicroelectronics ST72324BK Datasheet HTML 149Page - STMicroelectronics ST72324BK Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 188 page
background image
Electrical characteristics
ST72324B
146/188
32 Kbyte Flash and ROM devices
Figure 67.
Typical application with a crystal or ceramic resonator (32 Kbyte Flash
and ROM devices)
Table 95.
Crystal and ceramic resonator oscillators (32 Kbyte Flash and ROM
devices)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC
Oscillator frequency(1)
1.
The oscillator selection can be optimized in terms of supply current using an high quality resonator with
small RS value. Refer to crystal/ceramic resonator manufacturer for more details.
116
MHz
RF
Feedback resistor(2)
2.
Data based on characterization results, not tested in production. The relatively low value of the RF resistor,
offers a good protection against issues resulting from use in a humid environment, due to the induced
leakage and the bias condition change. However, it is recommended to take this point into account if the
microcontroller is used in tough humidity conditions.
20
40
k
Ω
CL1
CL2
Recommended load
capacitance versus equivalent
serial resistance of the crystal or
ceramic resonator (RS)
(3)
3.
For CL1 and CL2 it is recommended to use high-quality ceramic capacitors in the 5-pF to 25-pF range (typ.)
designed for high-frequency applications and selected to match the requirements of the crystal or
resonator. CL1 and CL2, are usually the same size. The crystal manufacturer typically specifies a load
capacitance which is the series combination of CL1 and CL2. PCB and MCU pin capacitance must be
included when sizing CL1 and CL2 (10 pF can be used as a rough estimate of the combined pin and board
capacitance).
fOSC = 1 to 2 MHz
fOSC = 2 to 4 MHz
fOSC = 4 to 8 MHz
fOSC = 8 to 16 MHz
20
20
15
15
60
50
35
35
pF
i2
OSC2 driving current
VDD = 5V, VIN =VSS
LP oscillator
MP oscillator
MS oscillator
HS oscillator
80
160
310
610
150
250
460
910
µA
OSC2
OSC1
fOSC
CL1
CL2
i2
RF
ST72XXX
Resonator
When resonator with
integrated capacitors
Power down
logic
Feedback
loop
Linear
amplifier
VDD/2
ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com