Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 143Page - STMicroelectronics ST72324BK Datasheet HTML 144Page - STMicroelectronics ST72324BK Datasheet HTML 145Page - STMicroelectronics ST72324BK Datasheet HTML 146Page - STMicroelectronics ST72324BK Datasheet HTML 147Page - STMicroelectronics ST72324BK Datasheet HTML 148Page - STMicroelectronics ST72324BK Datasheet HTML 149Page - STMicroelectronics ST72324BK Datasheet HTML 150Page - STMicroelectronics ST72324BK Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 188 page
background image
ST72324B
Electrical characteristics
147/188
12.6.4
RC oscillators
Figure 68.
Typical fOSC(RCINT) vs TA
Note:
To reduce disturbance to the RC oscillator, it is recommended to place decoupling
capacitors between VDD and VSS as shown in Figure 87 on page 165.
12.6.5
PLL characteristics
The user must take the PLL jitter into account in the application (for example in serial
communication or sampling of high frequency signals). The PLL jitter is a periodic effect,
Table 96.
OSCRANGE selection for typical resonators
Supplier
fOSC
(MHz)
Typical ceramic resonators(1)
1.
Resonator characteristics given by the ceramic resonator manufacturer.
Reference
Recommended OSCRANGE
option bit configuration
Murata
2
CSTCC2M00G56A-R0
MP mode(2)
2.
LP mode is not recommended for 2 MHz resonator because the peak to peak amplitude is too small
(>0.8V). For more information on these resonators, please consult www.murata.com.
4
CSTCR4M00G55B-R0
MS mode
8
CSTCE8M00G52A-R0
HS mode
16
CSTCE16M0V51A-R0
HS mode
Table 97.
RC oscillators
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC (RCINT)
Internal RC oscillator frequency
(see Figure 68)
TA =25°C, VDD =5V
2
3.5
5.6
MHz
3
3.2
3.4
3.6
3.8
4
-45
0
25
70
130
TA(°C)
Vdd= 5V
Vdd= 5.5V
Table 98.
PLL characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC
PLL input frequency range
2
4
MHz
∆ fCPU/fCPU Instantaneous PLL jitter(1)
1.
Data characterized but not tested
fOSC = 4 MHz
0.7
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com