Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 172 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 172 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 168Page - STMicroelectronics ST72324BK Datasheet HTML 169Page - STMicroelectronics ST72324BK Datasheet HTML 170Page - STMicroelectronics ST72324BK Datasheet HTML 171Page - STMicroelectronics ST72324BK Datasheet HTML 172Page - STMicroelectronics ST72324BK Datasheet HTML 173Page - STMicroelectronics ST72324BK Datasheet HTML 174Page - STMicroelectronics ST72324BK Datasheet HTML 175Page - STMicroelectronics ST72324BK Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 188 page
background image
Device configuration and ordering information
ST72324B
172/188
14
Device configuration and ordering information
Each device is available for production in user programmable versions (Flash) as well as in
factory coded versions (ROM/FASTROM).
ST72324B devices are ROM versions. ST72P324B devices are Factory Advanced Service
Technique ROM (FASTROM) versions: They are factory-programmed HDFlash devices.
Flash devices are shipped to customers with a default content (FFh), while ROM factory
coded parts contain the code supplied by the customer. This implies that Flash devices have
to be configured by the customer using the Option bytes while the ROM devices are factory-
configured.
14.1
Flash devices
14.1.1
Flash configuration
1.
Depends on device type as defined in Table 121: Package selection (OPT7) on page 174.
The option bytes allow the hardware configuration of the microcontroller to be selected.
They have no address in the memory map and can be accessed only in programming mode
(for example using a standard ST7 programming tool). The default content of the Flash is
fixed to FFh. To program directly the Flash devices using ICP, Flash devices are shipped to
customers with the internal RC clock source. In masked ROM devices, the option bytes are
fixed in hardware by the ROM code (see option list).
Table 118.
Flash option bytes
Static option byte 0
Static option byte 1
7
6
5
4
3
2
1
0
7
6
5432
1
0
WDG
Res
VD
Reserved
PKG1
OSCTYPE
OSCRANGE
HALT
SW
1
0
1021
0
Default
1
1
1
0
0
1
1
1
See
note
1
1
1001
1
1
Table 119.
Option byte 0 bit description
Bit
Name
Function
OPT7
WDG HALT
Watchdog reset on HALT
This option bit determines if a reset is generated when entering Halt
mode while the Watchdog is active.
0: No reset generation when entering Halt mode
1: Reset generation when entering Halt mode
OPT6
WDG SW
Hardware or software Watchdog
This option bit selects the Watchdog type.
0: Hardware (Watchdog always enabled)
1: Software (Watchdog to be enabled by software)
OPT5
-
Reserved, must be kept at default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com