Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 176 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 176 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 172Page - STMicroelectronics ST72324BK Datasheet HTML 173Page - STMicroelectronics ST72324BK Datasheet HTML 174Page - STMicroelectronics ST72324BK Datasheet HTML 175Page - STMicroelectronics ST72324BK Datasheet HTML 176Page - STMicroelectronics ST72324BK Datasheet HTML 177Page - STMicroelectronics ST72324BK Datasheet HTML 178Page - STMicroelectronics ST72324BK Datasheet HTML 179Page - STMicroelectronics ST72324BK Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 188 page
background image
Device configuration and ordering information
ST72324B
176/188
14.2
ROM device ordering information and transfer of customer
code
Customer code is made up of the ROM/FASTROM contents and the list of the selected
options (if any). The ROM/FASTROM contents are to be sent with the S19 hexadecimal file
generated by the development tool. All unused bytes must be set to FFh. Complete the
appended ST72324B-Auto Microcontroller FASTROM/ROM Option List on page 186
ST72324B (5V) MICROCONTROLLER OPTION LIST on page 177to communicate the
selected options to STMicroelectronics.
Refer to application note AN1635 for information on the counter listing returned by ST after
code has been transferred.
The followingTable 122: FASTROM factory coded device types on page 184 and Table 123:
ROM factory coded device types on page 185 serve as guides for ordering. The
STMicroelectronics Sales Organization will be pleased to provide detailed information on
contractual points.
Caution:
The readout protection binary value is inverted between ROM and Flash products. The
option byte checksum differs between ROM and Flash.
Figure 93.
ROM commercial product code structure
DEVICE PACKAGE VERSION
XXX
/
Code name (defined by STMicroelectronics)
1= 0 to +70 °C
5= -10 to +85 °C
6= -40 to +85 °C
7= -40 to +105 °C
3= -40 to +125 °C
T= Plastic Thin Quad Flat Pack
B= Plastic Dual in Line
ST72324BJ6, ST72324BJ4, ST72324BJ2
ST72324BK6, ST72324BK4, ST72324BK2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com