Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 179 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 179 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 175Page - STMicroelectronics ST72324BK Datasheet HTML 176Page - STMicroelectronics ST72324BK Datasheet HTML 177Page - STMicroelectronics ST72324BK Datasheet HTML 178Page - STMicroelectronics ST72324BK Datasheet HTML 179Page - STMicroelectronics ST72324BK Datasheet HTML 180Page - STMicroelectronics ST72324BK Datasheet HTML 181Page - STMicroelectronics ST72324BK Datasheet HTML 182Page - STMicroelectronics ST72324BK Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 188 page
background image
ST72324B
Device configuration and ordering information
179/188
14.3.5
Socket and emulator adapter information
For information on the type of socket that is supplied with the emulator, refer to the
suggested list of sockets in Table 124.
Note:
Before designing the board layout, it is recommended to check the overall dimensions of the
socket as they may be greater than the dimensions of the device.
For footprint and other mechanical information about these sockets and adapters, refer to
the manufacturer’s datasheet (www.yamaichi.de for LQFP44 10x10 and
www.ironwoodelectronics.com for LQFP32 7x7).
14.4
ST7 Application notes
All relevant ST7 application notes can be found on www.st.com.
Table 123.
STMicroelectronics development tools
Supported
products
Emulation
Programming
ST7 DVP3 series
ST7 EMU3 series
ICC socket
board
Emulator
Connection kit
Emulator
Active probe
and TEB
ST72324BJ,
ST72F324BJ
ST7MDT20-
DVP3
ST7MDT20-
T44/DVP
ST7MDT20J-EMU3
ST7MDT20J-TEB
ST7SB20J/xx(1)
ST72324BK,
ST72F324BK
ST7MDT20-
T32/DVP
1.
Add suffix /EU, /UK, /US for the power supply of your region.
Table 124.
Suggested list of socket types
Device
Socket
(supplied with ST7MDT20J-EMU3)
Emulator adapter
(supplied with ST7MDT20J-EMU3)
LQFP32 7X7
IRONWOOD SF-QFE32SA-L-01
IRONWOOD SK-UGA06/32A-01
LQFP44 10X10
YAMAICHI IC149-044-*52-*5
YAMAICHI ICP-044-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com