Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 175 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 175 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 171Page - STMicroelectronics ST72324BK Datasheet HTML 172Page - STMicroelectronics ST72324BK Datasheet HTML 173Page - STMicroelectronics ST72324BK Datasheet HTML 174Page - STMicroelectronics ST72324BK Datasheet HTML 175Page - STMicroelectronics ST72324BK Datasheet HTML 176Page - STMicroelectronics ST72324BK Datasheet HTML 177Page - STMicroelectronics ST72324BK Datasheet HTML 178Page - STMicroelectronics ST72324BK Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 188 page
background image
ST72324B
Device configuration and ordering information
175/188
14.1.2
Flash ordering information
The followingTable 126 serves as a guide for ordering.
Table 122.
Flash user programmable device types
Order code
Package
Flash memory
(Kbytes)
Temperature range
ST72F324BK2B5
SDIP32
8
-10°C +85°C
ST72F324BK4B5
16
ST72F324BK6B5
32
ST72F324BK2B6
8
-40°C +85°C
ST72F324BK4B6
16
ST72F324BK6B6
32
ST72F324BJ2B5
SDIP42
8
-10°C +85°C
ST72F324BJ4B5
16
ST72F324BJ6B5
32
ST72F324BJ2B6
8
-40°C +85°C
ST72F324BJ4B6
16
ST72F324BJ6B6
32
ST72F324BK2T5
LQFP32
32
-10°C +85°C
ST72F324BK2T6
8
-40°C +85°C
ST72F324BK4T6
16
ST72F324BK6T6
32
ST72F324BK2T3
8
-40°C +125°C
ST72F324BK4T3
16
ST72F324BK6T3
32
ST72F324BJ2T5
LQFP44
32
-10°C +85°C
ST72F324BJ2T6
8
-40°C +85°C
ST72F324BJ4T6
16
ST72F324BJ6T6
32
ST72F324BJ2T3
8
-40°C +125°C
ST72F324BJ4T3
16
ST72F324BJ6T3
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com