Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W99685FS Datasheet(PDF) 12 Page - Winbond

Part # W99685FS
Description  SYSTEM CAMERA DEVICE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W99685FS Datasheet(HTML) 12 Page - Winbond

Back Button W99685FS Datasheet HTML 8Page - Winbond W99685FS Datasheet HTML 9Page - Winbond W99685FS Datasheet HTML 10Page - Winbond W99685FS Datasheet HTML 11Page - Winbond W99685FS Datasheet HTML 12Page - Winbond W99685FS Datasheet HTML 13Page - Winbond W99685FS Datasheet HTML 14Page - Winbond W99685FS Datasheet HTML 15Page - Winbond W99685FS Datasheet HTML 16Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
W99685FS
- 12 -
GPIO (14 pins)
PIN NAME
PIN NUMBER
TYPE
DESCRIPTION
GPIO0/
SD_WP#
N5
BU
General Purpose I/O [0]
Write protect for SD Card
GPIO1/
LCD_CS1#
L2
BU
General Purpose I/O [1]
M-LCD: LCD Chip Select 1 enable
GPIO2/
VBUS
B6
BU
General Purpose I/O [2]
20mA power supply output
GPIO3/
SCK
K10
BU
General Purpose I/O [3]
Serial Interface Clock
GPIO4/
SDI/SDA
A5
BU
General Purpose I/O [4]
Serial Interface Data Input/ Serial Data Acknowledge
GPIO5/
SDO/SDE
N11
BU
General Purpose I/O [5]
Serial Interface Data Output / Serial Data Enable
GPIO7
A4
BU
General Purpose I/O [7]
NC
P11
-
No define
NC
B4
-
No define
GPIO10
SD_CD#
A12
BU
General Purpose I/O [10]
SD Card Inserted Detect
GPIO12
F1
BU
General Purpose I/O [12]
GPIO13
N4
BU
General Purpose I/O [13]
GPIO14
L13
BU
General Purpose I/O [14]
GPIO15
G14
BU
General Purpose I/O [15]
Miscellaneous (4 pins)
PIN NAME
PIN NUMBER
TYPE
DESCRIPTION
XIN
J2
I
Reference frequency input from ext. crystal or a clock
source.
XOUT
J1
O
Oscillator output to a crystal. This pin is left unconnected
if an external clock source is employed.
RESET
M1
IS
Reset In. This pin is active high to reset W99685FS
chip.
TME
N1
I
Test Mode Enable. Only for test, this pin must be
connected to GND for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com