Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W99685FS Datasheet(PDF) 19 Page - Winbond

Part # W99685FS
Description  SYSTEM CAMERA DEVICE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W99685FS Datasheet(HTML) 19 Page - Winbond

Back Button W99685FS Datasheet HTML 14Page - Winbond W99685FS Datasheet HTML 15Page - Winbond W99685FS Datasheet HTML 16Page - Winbond W99685FS Datasheet HTML 17Page - Winbond W99685FS Datasheet HTML 18Page - Winbond W99685FS Datasheet HTML 19Page - Winbond W99685FS Datasheet HTML 20Page - Winbond W99685FS Datasheet HTML 21Page - Winbond W99685FS Datasheet HTML 22Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
W99685FS
Publication Release Date: April 13, 2005
- 19 -
Revision A4
5.3.3
Host Interface: CF-IDE Slave (Memory Bus) A.C. Characteristics
FCE1_,FCE2_
FA2:0]
FD[15:0]
FIORD#
Valid Data
T
CAH
T
CAS
T
ODD
T
ODH
T
RD
FD[15:0]
FIOWR#
Valid Data
T
CAH
T
CAS
T
WDS
T
WDH
T
WR
Figure 5.3 Host Interface: CF-IDE Slave (Memory Bus) Timing Diagram
Host Interface : CF_IDE Slave (Memory Bus) Timing
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
TCAS
Chip Select & Address Set-up Time
65
---
nS
TCAH
Chip Select & Address Hold Time
5
---
nS
TODD
FIORD# Low to Data Valid Delay
---
2TMCLK
nS
TODH
Read Data Output Hold Time
0
---
nS
TRD
FIORD# Pulse Width
*165/4TMCL
K
---
nS
TWDS
Write Data Input Setup Time
60
---
nS
TWDH
Write Data Input Hold Time
2
---
nS
TWR
WR# Pulse Width
*165/4TMCL
K
---
nS
Table 5-5
165/4TMCLK : 165ns or 4 internal engine clock cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com