Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405EP-3LB200CZ Datasheet(PDF) 10 Page - Applied Micro Circuits Corporation

Part # PPC405EP-3LB200CZ
Description  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP-3LB200CZ Datasheet(HTML) 10 Page - Applied Micro Circuits Corporation

Back Button PPC405EP-3LB200CZ Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 14Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
10
AMCC
Revision 1.07 – September 10, 2007
Data Sheet
Serial Interface
•
One 8-pin UART and one 2-pin (Tx and Rx only) UART interface provided
•
Internal serial clock to allows a wide range of baud rates
•
Register compatibility with NS16750 register set
•
Complete status reporting capability
•
Transmitter and receiver are each buffered with 16-byte FIFOs when in FIFO mode
•
Fully programmable serial-interface characteristics
•
Supports DMA using internal DMA engine
IIC Bus Interface
•
Compliant with Phillips® Semiconductors I2C Specification, dated 1995
•
Operation at 100kHz or 400kHz
•8-bit data
•
10- or 7-bit address
•
Slave transmitter and receiver
•
Master transmitter and receiver
•
Multiple bus masters
•
Supports fixed VDD IIC interface
•
Two independent 4 x 1 byte data buffers
•
Twelve memory-mapped, fully programmable configuration registers
•
One programmable interrupt request signal
•
Provides full management of all IIC bus protocol
•
Programmable error recovery
General Purpose IO (GPIO) Controller
•
Controller functions and GPIO registers are programmed and accessed via memory-mapped OPB bus
master accesses
•
All GPIOs are pin-shared with other functions. DCRs control whether a particular pin that has GPIO capabil-
ities acts as a GPIO or is used for another purpose.
•
Each GPIO output is separately programmable to emulate an open-drain driver (i.e., drives to zero, three-
stated if output bit is 1)
Universal Interrupt Controller (UIC)
The Universal Interrupt Controller (UIC) provides the control, status, and communications necessary between the
various sources of interrupts and the local PowerPC processor.
Features include:
•
Supports seven external and 19 internal interrupts
•
Edge-triggered or level-sensitive
•
Positive or negative active
•
Non-critical or critical interrupt to processor core
•
Programmable critical interrupt priority ordering
•
Programmable critical interrupt vector for faster vector processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com