Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405EP-3LB200CZ Datasheet(PDF) 35 Page - Applied Micro Circuits Corporation

Part # PPC405EP-3LB200CZ
Description  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP-3LB200CZ Datasheet(HTML) 35 Page - Applied Micro Circuits Corporation

Back Button PPC405EP-3LB200CZ Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 39Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
Revision 1.07 – September 10, 2007
AMCC
35
Data Sheet
TDO
Test data out.
O
5V tolerant
3.3V LVTTL
TCK
JTAG test clock. The frequency of this input can range from DC to
25MHz.
I
5V tolerant
3.3V LVTTL
1, 4
TRST
JTAG reset. TRST must be low at power-on to initialize the JTAG
controller.
I
5V tolerant
3.3V LVTTL
5
System Interface
SysReset
Main system reset. External logic can drive this bidirectional pin low
(minimum of 16 cycles) to initiate a system reset. A system reset can
also be initiated by software. Implemented as an open-drain output
(two states; 0 or open circuit).
I/O
5V tolerant
3.3V LVTTL
1, 2
SysErr
Set to 1 when a Machine Check is generated.
O
5V tolerant
3.3V LVTTL
6
Halt
Halt from external debugger.
I
5V tolerant
3.3V LVTTL
1, 2
GPIO00:31
General Purpose I/O. All of the GPIO signals are multiplexed with
other signals.
I/O
5V tolerant
3.3V LVTTL
1
TestEn
Test Enable. Used only for manufacturing tests. Pull down for normal
operation.
I
1.8V CMOS
w/pull-down
SysClk
Main system clock input.
I
3.3V LVTTL
[RejectPkt0:1]
External request to reject a packet.
I
5V tolerant
3.3V LVTTL
AVDD
Clean voltage input for the PLL.
I
AGND
Clean Ground input for the PLL.
I
Trace Interface
[TS1E]
[TS2E]
Even Trace execution status. To access this function, software must
toggle a DCR bit
O
5V tolerant
3.3V LVTTL
1
[TS1O]
[TS2O]
Odd Trace execution status. To access this function, software must
toggle a DCR bit
O
5V tolerant
3.3V LVTTL
1
[TS3:6]
Trace status. To access this function, software must toggle a DCR bit
O
5V tolerant
3.3V LVTTL
1
[TrcClk]
Trace interface clock. Operates at half the CPU core frequency. To
access this function, software must toggle a DCR bit
O
5V tolerant
3.3V LVTTL
1
Power
GND
Ground
Note: K10-K14, L10-L14, M10-M14, N10-N14, and P10-P14 are also
thermal balls.
na
na
na
OVDD
Output driver voltage—3.3V.
na
na
na
Table 6. Signal Functional Description (Sheet 5 of 6)
Secondary multiplexed signals are shown in brackets.
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 29 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 29 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
7. Pull-up may be required. See “External Bus Control Signals” on page 30.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com