Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5335 Datasheet(PDF) 2 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 2 Page - Applied Micro Circuits Corporation

  S5335 Datasheet HTML 1Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 2Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 3Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 4Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 5Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 6Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 7Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 8Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
DS1657
AMCC Confidential and Proprietary
Revision 5.01 – November 30, 2005
Data Sheet
FEATURES
•
PCI 2.1 Compliant Master/Slave Device
•
Full 132 Mbytes/sec Transfer Rate
•
PCI Bus Operation DC to 33 MHz
•
8/16/32 Bit Add-On User Bus
•
3.3V Power Supply
•
5V Tolerant I/Os
•
Four Definable Pass-Thru Data Channels
•
Two 32 Byte Internal FIFOs w/DMA
•
Synchronous Add-On Bus Operation
•
Mail Box Registers w/Byte Level Status
•
Direct Mail Box Data Strobe/Interrupts
•
Direct PCI & Add-On Interrupt Pins
•
Optional Non-Volatile Memory Boot Loading
•
Optional Expansion BIOS/POST Code
•
176 Pin LQFP
•
Environmental Friendly Lead-Free Package
Option
APPLICATIONS
•
High Speed Networking
•
Digital Video Applications
•
I/O Communications Ports
•
High Speed Data Input/Output
•
Multimedia Communications
•
Memory Interfaces
•
High Speed Data Acquisition
•
Data Encryption/Decryption
•
Intel i960 Interface
•
General Purpose PCI Interfacing
DESCRIPTION
The PCI Local bus concept was developed to break
the PC data I/O bottleneck and clearly opens the door
to increasing system speed and expansion capabili-
ties. The PCI Local bus moves high speed peripherals
from the I/O bus and places them closer to the sys-
tem’s processor bus, providing faster data transfers
between the processor and peripherals. The PCI Local
bus also addresses the industry’s need for a bus stan-
dard which is not directly dependent on the speed,
size and type of system processor. It represents the
first microprocessor independent bus offering perfor-
mance more than adequate for the most demanding
applications such as full-motion video.
Applied Micro Circuits Corporation (AMCC), the pre-
mier supplier of single chip solutions, has developed
the S5335 to solve the problem of interfacing applica-
tions to the PCI Local bus while offering support for
newer PCI chipsets and operating systems. The
S5335 is a powerful and flexible PCI controller sup-
porting several levels of interface sophistication. At the
lowest level, it can serve simply as a PCI bus Target
with modest transfer requirements. For high-perfor-
mance applications, the S5335 can become a Bus
Master to attain the PCI Local bus peak transfer capa-
bility of 132 MBytes/sec. The S5335 was designed for
3.3V environment but its inputs/outputs are tolerant to
5V signaling.
Figure 1. S5335 Block Diagram
User
Application
Satellite
Receiv er/
Modem
Proprietary
Backplane
Graphics/
MPEG/
Grabber
ISDN
FDDI
ATM
I/O Audio
Serial/ParallelnvRAM
ConfigurationSpace
Expansion BIOS
AMCC
Add-On
Local Bus
InterfaceLogic
Mux/Demux
Buffers
S5335
Status
Registers
Configuration
Registers
Mailboxes
FIFOs
Bus Master Transfer
Count & Address
Registers
Pass-Thru Data &
Address Registers
PCI Local Bus
InterfaceLogic
Mux/Demux
Buffers
Read/Write
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com