Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC440SPE-RGB667C Datasheet(PDF) 7 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RGB667C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RGB667C Datasheet(HTML) 7 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RGB667C Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 11Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
PowerPC 440SPe Embedded Processor
Revision 1.23 - Sept 21, 2006
AMCC Proprietary
7
Preliminary Data Sheet
General Purpose Timers
0000 0004 F000 0A00
0000 0004 F000 0B3F
320B
Reserved
0000 0004 F000 0B40
0000 0004 FEFF FFFF
Boot ROM2, 3
EBC Bank0
0000 0004 FF00 0000
0000 0004 FFFF FFFF
16MB
Reserved
0000 0005 0000 0000
0000 0007 FFFF FFFF
Local Memory Alias (HB)
Aliased DDR SDRAM
0000 0008 0000 0000
0000 000B FFFF FFFF
16GB
PCI Space (HB)
Reserved
0000 000C 0000 0000
0000 000C 07FF FFFF
PCIX0 I/O
0000 000C 0800 0000
0000 000C 0800 FFFF
64KB
Reserved
0000 000C 0801 0000
0000 000C 0EBF FFFF
PCIX0 Addressing configuration
Regs
0000 000C 0EC0 0000
0000 000C 0EC0 0007
8B
Reserved
0000 000C 0EC0 0008
0000 000C 0EC7 FFFF
PCIX0 Core Configuration Regs
0000 000C 0EC8 0000
0000 000C 0EC8 0FFF
4KB
Reserved
0000 000C 0EC8 1000
0000 000C 0EC8 10FF
PCIX0 Simple Message Passing
0000 000C 0EC8 1100
0000 000C 0EC8 11FF
256B
Reserved
0000 000C 0EC8 1200
0000 000C 0ECF FFFF
PCIX0 Special Cycle
0000 000C 0ED0 0000
0000 000C 0EDF FFFF
1MB
Reserved
0000 000C 0EE0 0000
0000 000C 0FFF FFFF
PCI Memory (PCI-Express & PCI-X)
0000 000C 1000 0000
0000 000C FEFF FFFF
3.8GB
PCI-X DDR boot ROM (PCI memory
0000 000C FF00 0000
0000 000C FFFF FFFF
16MB
PCI Memory (PCI-Express & PCI-X)
0000 000D 0000 0000
0000 000F FFFF FFFF
12GB
Reserved4
0000 0010 0000 0000
0FFF FFFF FFFF FFFF
Reserved5
1000 0000 0000 0000
1FFF FFFF FFFF FFFF
PCI Core Space (HB)
PCI Memory (PCI-Express & PCI-X)
2000 0000 0000 0000
FFFF FFFF FFFF FFFF
Notes:
1. DDR SDRAM and
on-chip SRAM can be located anywhere in the Local Memory area of the memory map.
2. The Boot ROM and Expansion ROM areas of the memory map are intended for use by ROM or Flash-type devices. While locating
volatile DDR SDRAM and SRAM in this region is supported, use of these regions for this purpose is not recommended.
3. When the optional boot from PCI-X memory is selected, the PCI-X Boot ROM address space begins at C FF00 0000 (16 MB).
4. Never decoded.
5. Unpredictable results on Read and Write operations.
6. Accessed by means of EBC Peripheral Bank Configuration Registers.
Table 1. System Memory Address Map (Sheet 2 of 2)
Function
Sub Function
Start Address
End Address
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com