Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC440SPE-RGB667C Datasheet(PDF) 74 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RGB667C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RGB667C Datasheet(HTML) 74 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RGB667C Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 71Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 72Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 73Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 74Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 75Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 76Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 77Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 78Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
PowerPC 440SPe Embedded Processor
74
AMCC Proprietary
Revision 1.23 - Sept 21, 2006
Preliminary Data Sheet
DDR SDRAM Read Operation
The Read of the incoming Data from the SDRAM is done on the rising and falling edges of the differential DQS
signal. The Data must be centered to these edges for correct operation.
The PPC440SPe can delay with very fine granularity the DQS through the programming of the
MCIF0_RODC[RQFD] register field.
DDR SDRAM MemClkOut0 and Read Clock Delay
In order to accommodate timing variations introduced by the system designs using this chip, the three-stage data
path shown below is used to eliminate metastability and allow data sampling to be adjusted for minimum latency.
The data are stored in the 8 Flip Flops of the Stage 1, such that it can be transferred later within a 8X period.
Figure 9. DDR SDRAM Read Data Path
PLB bus
DQ
MCIF0_RQDC[RQFD]
Programmed
Delay
Package
Mux
Read DQS
C
D
FF: Flip-Flop
Q2
DQS
(Diff)
DDR 1X Clock
Mux
Data
(x64)
(x64)
Read FIFO
PLB 1X Clock
Stage 2
Stage 1
Stage 3
FF
PLB bus
[0:63]
[64:127]
DQS Rising
DQS Falling
Q3
0
6
4
2
(x64)
Coarse Delay
Cycles
Driver
Rec
MemDCFdbkD
MemDCFdbkR
Ext FeedBack
Read Start
Feedback
Data Capture
Window
DDR 1X Clock
MCIF0_RDCC[RDSS]
MCIF0_RFDC[RFFD]
MCIF0_RFDC[RFOS]
Stage 2 Store
Oversampling
DQS aligned
CAS Lat Delay
FeedBack
Signal Gen
Fine Delay
T1 T2 T3 T4
Fine Delay
FF
FF
7
5
3
1
1
0
7
Edge Sync
Edge Sync
Upper
Lower
Signals
pins
FF
Q2_Ovs
FF
FBK signal
Delay
+1
Compare
DDR 1X Clock
Oversampling
Clock
Read Latency adjust circuit
C
D
FF
FF
adjust



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com