Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

405GP Datasheet(PDF) 35 Page - Applied Micro Circuits Corporation

Part # 405GP
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GP Datasheet(HTML) 35 Page - Applied Micro Circuits Corporation

Back Button 405GP Datasheet HTML 31Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 32Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 33Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 34Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 35Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 36Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 37Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 38Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 39Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
AMCC
35
Revision 2.03 – September 7, 2007
Data Sheet
Signal Functional Description (Part 1 of 8)
Multiplexed signals are shown in brackets following the first signal name assigned to each multiplexed ball.
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
7. Pull-up may be required. See “External Bus Control Signals” on page 34.
Signal Name
Description
I/O
Type
Notes
PCI Interface
PCIAD31:0
PCI Address/Data Bus. Multiplexed address and data bus.
I/O
5V tolerant
3.3V PCI
PCIC3:0[BE3:0]
PCI bus command and byte enables.
I/O
5V tolerant
3.3V PCI
PCIParity
PCI parity. Parity is even across PCIAD0:31 and PCIC0:3[BE0:3].
PCIParity is valid one cycle after either an address or data phase.
The PCI device that drove PCIAD0:31 is responsible for driving
PCIParity on the next PCI bus clock.
I/O
5V tolerant
3.3V PCI
PCIFrame
PCIFrame is driven by the current PCI bus master to indicate the
beginning and duration of a PCI access.
I/O
5V tolerant
3.3V PCI
2
PCIIRDY
PCIIRDY is driven by the current PCI bus master. Assertion of
PCIIRDY indicates that the PCI initiator is ready to transfer data.
I/O
5V tolerant
3.3V PCI
2
PCITRDY
The target of the current PCI transaction drives PCITRDY. Assertion
of PCITRDY indicates that the PCI target is ready to transfer data.
I/O
5V tolerant
3.3V PCI
2
PCIStop
The target of the current PCI transaction can assert PCIStop to
indicate to the requesting PCI master that it wants to end the current
transaction.
I/O
5V tolerant
3.3V PCI
2
PCIDevSel
PCIDevSel is driven by the target of the current PCI transaction. A
PCI target asserts PCIDevSel when it has decoded an address and
command encoding and claims the transaction.
I/O
5V tolerant
3.3V PCI
2
PCIIDSel
PCIIDSel is used during configuration cycles to select the PCI slave
interface for configuration.
I
5V tolerant
3.3V PCI
PCISErr
PCISErr is used for reporting address parity errors or catastrophic
failures detected by a PCI target.
I/O
5V tolerant
3.3V PCI
2
PCIPErr
PCIPErr is used for reporting data parity errors on PCI transactions.
PCIPErr is driven active by the device receiving PCIAD0:31,
PCIC0:3[BE0:3], and PCIParity, two PCI clocks following the data in
which bad parity is detected.
I/O
5V tolerant
3.3V PCI
2
PCIClk
PCIClk is used as the asynchronous PCI clock when in
asynchronous mode. It is unused when the PCI interface is operated
synchronously with the PLB bus.
I
5V tolerant
3.3V PCI
PCIReset
PCI specific reset.
O
5V tolerant
3.3V PCI
PCIINT[PerWE]
PCI interrupt. Open-drain output (two states; 0 or open circuit)
or
Peripheral write enable. Low when any of the four PerWBE0:3 write
byte enables are low.
O
5V tolerant
3.3V PCI
PCIReq0[Gnt]
Multipurpose signal, used as PCIReq0 when internal arbiter is used,
and as Gnt when external arbiter is used.
I
5V tolerant
3.3V PCI
PCIReq1:5
Used as PCIReq1:5 input when internal arbiter is used.
I
5V tolerant
3.3V PCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com