Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

405GP Datasheet(PDF) 55 Page - Applied Micro Circuits Corporation

Part # 405GP
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GP Datasheet(HTML) 55 Page - Applied Micro Circuits Corporation

Back Button 405GP Datasheet HTML 51Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 52Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 53Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 54Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 55Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 56Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 57Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 58Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 59Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
AMCC
55
Revision 2.03 – September 7, 2007
Data Sheet
Strapping
When the SysReset input is driven low by an external device (system reset), the state of certain I/O pins is read to
enable default initial conditions prior to PPC405GP start-up. The actual capture instant is the nearest SysClk edge
before the deassertion of reset. These pins must be strapped using external pull-up (logical 1) or pull-down
(logical 0) resistors to select the desired default conditions. The recommended pull-up is 3k
Ω to +3.3V or 10kΩ to
+5V. The recommended pull-down is 1K
Ω to GND. These pins are use for strap functions only during reset. They
are used for other signals during normal operation. The following table lists the strapping pins along with their
functions and strapping options. The pin for the 456-ball package is listed first (for example, AF3), followed by the
corresponding pin for the 413-ball package (for example, U8), which appears as AF3/U8. The signal names
assigned to the pins for normal operation follow the pin numbers.
PPC405GP Strapping Pin Assignments (Part 1 of 2)
Function
Option
Ball Strapping
PLL Tuning 1
for 6
≤ M ≤ 7 use choice 3
for 7 < M
≤ 12 use choice 5
for 12 < M
≤ 32 use choice 6
AF3/U8
UART0_Tx
AF2/T8
UART0_DTR
AD16/AB15
UART0_RTS
Choice 1; TUNE[5:0] = 010001
0
0
0
Choice 2; TUNE[5:0] = 111011
0
0
1
Choice 3; TUNE[5:0] = 010011
0
1
0
Choice 4; TUNE[5:0] = 111101
0
1
1
Choice 5; TUNE[5:0] = 010101
1
0
0
Choice 6; TUNE[5:0] = 010110
1
0
1
Choice 7; TUNE[5:0] = 111110
1
1
0
Choice 8; TUNE[5:0] = 100100
1
1
1
PLL Forward Divider 2
D16/A17
DMAAck0
B15/B14
DMAAck1
Bypass mode
0
0
Divide by 3
0
1
Divide by 4
1
0
Divide by 6
1
1
PLL Feedback Divider 2
B14/A15
DMAAck2
C12/A8
DMAAck3
Divide by 1
0
0
Divide by 2
0
1
Divide by 3
1
0
Divide by 4
1
1
PLB Divider from CPU 2
P25/R23
EMCTxD3
L24/J22
EMCTxD2
Divide by 1
0
0
Divide by 2
0
1
Divide by 3
1
0
Divide by 4
1
1
OPB Divider from PLB 2
L25/K21
EMCTxD1
J26/F22
EMCTxD0
Divide by 1
0
0
Divide by 2
0
1
Divide by 3
1
0
Divide by 4
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com