Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440EPX Datasheet(PDF) 13 Page - Applied Micro Circuits Corporation

Part # 440EPX
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EPX Datasheet(HTML) 13 Page - Applied Micro Circuits Corporation

Back Button 440EPX Datasheet HTML 9Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 10Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 11Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 12Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 13Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 14Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 15Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 16Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 17Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
440EPx – PPC440EPx Embedded Processor
Revision 1.26 – October 15, 2007
AMCC Proprietary
13
Preliminary Data Sheet
• Secure Socket Layer (SSL) and Transport Layer Security (TLS) features
– Packet transforms
– One-pass hash-then-encrypt for SSL and TLS packet transforms for inbound packet using Stream Cipher
• Secure Real-Time Protocol (sRTP) features
– Packet transforms
– ROC removal and TAG insertion
– Variable bypass offset of header length per packet
• IPsec/SSL security acceleration engine
• DES, 3DES, AES, ARC-4 encryption
• MD-5, SHA-1 hashing, HMAC encrypt-hash and hash-decrypt, and KASUMI
• Public key acceleration for RSA, DSA and Diffie-Hellman
• True or pseudo random number generators
– Non-deterministic true random numbers
– Pseudo random numbers with lengths of 8 B or 16B
– ANSI X9.17 Annex C compliant using a DES algorithm
• Interrupt controller
– Fifteen programmable, maskable interrupts
– Initiate commands via an input interrupt
– Sixteen programmable interrupts indicating completion of certain operations
– All interrupts mapped to one level- or edge-sensitive programmable interrupt output
• DMA controller
– Autonomous, 4-channel
– 1024-words (32 bits/word) per DMA transfer
– Scatter/gather capability with byte aligned addressing
KASUMI Algorithm (optional)
• Key scheduling hardware
• f8 and f9 algorithm support
• Automatic data padding mechanism for f9 algorithm
• KASUMI encryption and decryption modes
• 32-bit slave interface
• Fully synchronous to PLB clock
PCI Controller
The PCI interface allows connection of PCI devices to the PowerPC processor and local memory. This interface is
designed to Version 2.2 of the PCI Specification and supports 32- bit PCI devices.
Reference Specifications:
• PowerPC CoreConnect Bus (PLB) Specification Version 3.1
• PCI Specification Version 2.2
• PCI Bus Power Management Interface Specification Version 1.1
Features include:
• PCI 2.2
• Frequency to 66MHz
• 32-bit bus
• PCI Host Bus Bridge or an Adapter Device's PCI interface
• Internal PCI arbitration function, supporting up to six external devices, that can be disabled for use with an
external arbiter
• Support for Message Signaled Interrupts
• Simple message passing capability
• Asynchronous to the PLB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com