Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440EPX Datasheet(PDF) 19 Page - Applied Micro Circuits Corporation

Part # 440EPX
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EPX Datasheet(HTML) 19 Page - Applied Micro Circuits Corporation

Back Button 440EPX Datasheet HTML 15Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 16Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 17Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 18Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 19Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 20Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 21Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 22Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 23Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 94 page
background image
440EPx – PPC440EPx Embedded Processor
Revision 1.26 – October 15, 2007
AMCC Proprietary
19
Preliminary Data Sheet
Package Diagram
Figure 3. 35 mm, 680-Ball TE-PBGA Package
35.0
± 0.20
Gold Gate Release
Corresponds to
PCB
Substrate
Mold
Compound
A01 Ball Location
Top View
Bottom View
Notes: 1. All dimensions are in mm.
2. Package is available with lead or
30
24
A
26
AF
B
C
D
E
F
G
H
J
K
L
M
AA
N
P
R
T
U
V
W
Y
AB
AC
AD
AE
Thermal Balls
01 03 05 07 09 11 13 15 17 19
02 04 06 08 10 12 14 16 18
21 23 25
20 22 24
34
27 29 31 33
28 30 32
AP
AJ
AG
AH
AK
AL
AM
AN
33.0
1.0
680 x 0.60
± 0.10 Solder Ball
9.0
2.65 max
0.4 - 0.6
3. Package conforms to JEDEC MS-034.
Part
Lot Number (ZZZZZ)
lead-free (RoHS compliant).
Side View
TYP TYP
Logo View
PPC440EPx e1
1YWWBZZZZZ
PPC440EPx-nprffft
®
ccccccc
Number
MMDDQL
Heat Slug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com