Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9984A Datasheet(PDF) 41 Page - Analog Devices

Part # AD9984A
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984A Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9984A Datasheet HTML 36Page - Analog Devices AD9984A Datasheet HTML 37Page - Analog Devices AD9984A Datasheet HTML 38Page - Analog Devices AD9984A Datasheet HTML 39Page - Analog Devices AD9984A Datasheet HTML 40Page - Analog Devices AD9984A Datasheet HTML 41Page - Analog Devices AD9984A Datasheet HTML 42Page - Analog Devices AD9984A Datasheet HTML 43Page - Analog Devices AD9984A Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
AD9984A
Rev. 0 | Page 41 of 44
DIGITAL INPUTS
Digital inputs on the AD9984A (HSYNC0, HSYNC1, VSYNC0,
VSYNC1, SOGIN0, SOGIN1, SDA, SCL, and CLAMP) are
designed to work with 3.3 V signals, but are tolerant of 5 V
signals. Therefore, no extra components need to be added if
using 5 V logic.
Any noise that gets onto the Hsync input trace adds jitter to the
system. Therefore, minimize the trace length and do not run
any digital or other high frequency traces near it.
Reference Bypass
The AD9984A has two reference voltages that must be bypassed
for proper operation of the ADC. REFLO and REFHI are
connected to each other through a 10 μF capacitor. These
references are used by the ADC circuitry to assure the greatest
stability. Place them as close to the AD9984A pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com