Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9984A Datasheet(PDF) 14 Page - Analog Devices

Part # AD9984A
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984A Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9984A Datasheet HTML 10Page - Analog Devices AD9984A Datasheet HTML 11Page - Analog Devices AD9984A Datasheet HTML 12Page - Analog Devices AD9984A Datasheet HTML 13Page - Analog Devices AD9984A Datasheet HTML 14Page - Analog Devices AD9984A Datasheet HTML 15Page - Analog Devices AD9984A Datasheet HTML 16Page - Analog Devices AD9984A Datasheet HTML 17Page - Analog Devices AD9984A Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
AD9984A
Rev. 0 | Page 14 of 44
CLOCK GENERATION
A PLL is used to generate the pixel clock. The Hsync input
provides a reference frequency to the PLL. A voltage controlled
oscillator (VCO) generates a much higher pixel clock frequency.
The pixel clock is divided by the PLL divide value (Register 0x01
and Register 0x02) and phase-compared with the Hsync input.
Any error is used to shift the VCO frequency and maintain lock
between the two signals.
The stability of this clock is a very important element in provid-
ing the clearest and most stable image. During each pixel time,
the signal slews from the old pixel amplitude and settles at its
new value; this is called the slewing time. Then, the input voltage
stabilizes before the signal must slew to a new value; this is called
the stable time. The ratio of the slewing time to the stable time is
a function of the graphics DAC bandwidth and the bandwidth
of the transmission system (cable and termination). This ratio is
also a function of the overall pixel rate. If the dynamic charac-
teristics of the system remain fixed, the slewing and settling
time is likewise fixed. This time must be subtracted from the
total pixel period, leaving the stable period. At higher pixel
frequencies, the total cycle time is shorter and the stable pixel
time becomes shorter as well.
PIXEL CLOCK
INVALID SAMPLE TIMES
Figure 7. Pixel Sampling Times
Any jitter in the clock reduces the precision of the sampling
time and it must also be subtracted from the stable pixel time.
Considerable care has been taken in the design of the AD9984A
clock generation circuit to minimize jitter. The clock jitter of the
AD9984A is low in all operating modes, making the reduction
in the valid sampling time due to jitter negligible.
The PLL characteristics are determined by the loop filter design,
the PLL charge pump current, and the VCO range setting. The
loop filter design is illustrated in Figure 8. Recommended settings
of the VCO range and charge pump current for VESA standard
display modes are listed in Table 10.
CP
8.2nF
CZ
82nF
RZ
1.5kΩ
FILT
PVD
Figure 8. PLL Loop Filter Design
Four programmable registers are provided to optimize the
performance of the PLL. These registers are the 12-bit divisor
register, the 2-bit VCO range register, the 3-bit charge pump
current register, and the 5-bit phase adjust register.
The 12-Bit Divisor Register
The input Hsync frequencies can accommodate any Hsync as
long as the product of the Hsync and the PLL divisor falls
within the operating range of the VCO. The PLL multiplies the
frequency of the Hsync signal, producing pixel clock frequencies
in the range of 10 MHz to 170 MHz. The divisor register controls
the exact multiplication factor. This register can be set to any
value between 2 and 4095 as long as the output frequency is
within range.
The 2-Bit VCO Range Register
To improve the noise performance of the AD9984A, the VCO
operating frequency range is divided into four overlapping
regions. The VCO range register sets this operating range. The
frequency ranges for the four regions are shown in Table 8.
Table 8. VCO Frequency Ranges
PV1
PV0
Pixel Clock Range (MHz)
KVCO Gain (MHz/V)
0
0
10 to 311
150
0
1
31 to 62
150
1
0
62 to 124
150
1
1
124 to 170
150
1 For frequencies of 18 MHz or lower, enable the VCO low range bit (Reg. 0x36[0]).
The 3-Bit Charge Pump Current Register
This register varies the current that drives the low-pass loop
filter. The possible current values are listed in Table 9.
Table 9. Charge Pump Current/Control Bits
Ip2
Ip1
Ip0
Current (μA)
0
0
0
50
0
0
1
100
0
1
0
150
0
1
1
250
1
0
0
350
1
0
1
500
1
1
0
750
1
1
1
1500
The 5-Bit Phase Adjust Register
The phase of the generated sampling clock can be shifted to
locate an optimum sampling point within a clock cycle. The
phase adjust register provides 32 phase-shift steps of 11.25°
each. The Hsync signal with an identical phase shift is available
through the HSOUT pin. Phase adjust is still available if an
external pixel clock is used. The COAST pin or the internal
coast is used to allow the PLL to continue to run at the same
frequency in the absence of the incoming Hsync signal or
during disturbances in Hsync (such as from equalization
pulses). This can be used during the vertical sync period or at
any other time that the Hsync signal is unavailable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com