Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS7840 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # MCS7840
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button MCS7840 Datasheet HTML 33Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 34Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 35Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 36Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 37Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 38Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 39Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 40Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 41Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Page 38
Rev.
1.2
DC Characteristics of 3.3V I/O Cells
Symbol
Parameter
Condition
Min
Typ
Max
Units
Vcc
K
Core Power Supply
Core Area
1.62
1.8
1.98
V
Vcc
3IO
Power Supply
3.3V I/O
2.97
3.3
3.63
V
Vi
L
Input Low Voltage
LVTTL
0.8
V
Vi
H
Input High Voltage
LVTTL
2.0
V
Vt
Switching Threshold
LVTTL
1.5
V
Vt-
Vt+
Schmitt Trigger
Threshold Voltage
LVTTL
0.8
1.1
1.6
2.0
V
Vo
L
Output Low Voltage
Io
L= 2 to 24mA
0.4
V
Vo
H
Output High Voltage
Io
H= -2 to -24mA
2.4
V
DC Characteristics of 5V Tolerant I/O Cells
Symbol
Parameter
Condition
Min
Typ
Max
Units
Vcc
5A
5V Power Supply
5V I/O
4.5
5.0
5.5
V
Vi
L
Input Low Voltage
LVTTL
0.8
V
Vi
H
Input High Voltage
LVTTL
2.0
V
Vt
Switching Threshold
LVTTL
1.5
V
Vt-
Vt+
Schmitt Trigger
Threshold Voltage
LVTTL
0.8
1.1
1.6
2.0
V
Vo
H
Output Low Voltage
Io
L
=
2 to 24 mA
0.4
V
Vo
H
Output High Voltage
Io
H
=
-2 to -24 mA
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com