Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS7840 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MCS7840
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MCS7840 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 10Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 11Page - List of Unclassifed Manufacturers MCS7840 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Page 8
Rev.
1.2
UART Functional Description
Overview
The UARTs are high performance serial ports that comply with the 16c550 specification. All UARTs are similar
in operation and function, and are described in this section. The function of a single UART is described below.
Operation Modes
The UARTs are backward compatible with 16c450 and 16c550 devices. The operation of the port depends
upon the mode settings, which are described throughout the rest of this section. The modes, conditions and
corresponding FIFO depth are tabulated below.
UART Mode
FIFO Size
FCR[0]
450
1
0
550
16
1
450 Mode
After the hardware reset, bit-0 of the FIFO Control
Register (FCR) is cleared, and the UART is
compatible with the 16c450 mode of operation.
The transmitter and receiver FIFOs (referred to as
the “Transmitter Holding Register” and “Receiver
Holding Register” respectively) have a depth of
one.
This mode of operation is known as “Byte Mode”.
550 Mode
After the hardware reset, writing a 1 to FCR[0]
will increase the FIFO size to 16, providing
compatibility with 16c550 devices.
In 16c550 mode, the device has the following
features:
•
RTS/CTS hardware flow control or
DSR/D
TR hardware flow control
•
Infrared IrDA format transmit & receive
mode
•
Deeper (16-Byte) FIFOs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com