Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS821BILT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS821BILT
Description  1.225V micropower shunt voltage reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS821BILT Datasheet(HTML) 6 Page - STMicroelectronics

  TS821BILT Datasheet HTML 1Page - STMicroelectronics TS821BILT Datasheet HTML 2Page - STMicroelectronics TS821BILT Datasheet HTML 3Page - STMicroelectronics TS821BILT Datasheet HTML 4Page - STMicroelectronics TS821BILT Datasheet HTML 5Page - STMicroelectronics TS821BILT Datasheet HTML 6Page - STMicroelectronics TS821BILT Datasheet HTML 7Page - STMicroelectronics TS821BILT Datasheet HTML 8Page - STMicroelectronics TS821BILT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package information
TS821
6/9
3
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.
Figure 7.
Pulse response for Ik=100µA
Figure 8.
Test circuit for pulse response at
Ik=100µA
0
2468
10
Time (µs)
3V
0V
1.225V
Input
Output
0V
Ik=100µA
18 K
Ω
Pulse
Generator
Figure 9.
Pulse response for Ik=1mA
Figure 10.
Test circuit for pulse response at
Ik=1mA
0
2468
10
Time (µs)
3V
0V
1.225V
Input
Output
0V
Ik=1mA
1.8 K
Ω
Pulse
Generator



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com