Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS821BILT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS821BILT
Description  1.225V micropower shunt voltage reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS821BILT Datasheet(HTML) 4 Page - STMicroelectronics

  TS821BILT Datasheet HTML 1Page - STMicroelectronics TS821BILT Datasheet HTML 2Page - STMicroelectronics TS821BILT Datasheet HTML 3Page - STMicroelectronics TS821BILT Datasheet HTML 4Page - STMicroelectronics TS821BILT Datasheet HTML 5Page - STMicroelectronics TS821BILT Datasheet HTML 6Page - STMicroelectronics TS821BILT Datasheet HTML 7Page - STMicroelectronics TS821BILT Datasheet HTML 8Page - STMicroelectronics TS821BILT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical characteristics
TS821
4/9
Table 5.
TS821B (0.5% precision) Tamb = 25°C
(1) (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vk
Reverse breakdown voltage
Ik = 100μA
1.219
1.225
1.231
V
Reverse breakdown voltage
tolerance
Ik = 100μA
-40°C < Tamb < +85°C
-6
-16
+6
+16
mV
Ik-min
Minimum operating current
Tamb = 25°C
40
45
μA
-40°C < Tamb < +85°C
50
ΔVref/ΔT Average temperature coefficient
Ik = 100μA
120
ppm/°C
ΔVk/ΔIk
Reverse breakdown voltage change
with operating current range
Ik-min < Ik < 1mA
-40°C < Tamb < +85°C
0.3
0.7
1
mV
1mA < Ik < 12mA
-40°C < Tamb < +85°C
2.5
5
7
Rka
Static impedance
ΔIk = 45μA to 1mA
0.25
0.5
W
Kvh
Long term stability
Ik = 100μA, t = 1000hrs
120
ppm
En
Wide band noise
Ik = 100μA 10Hz < f < 10kHz
200
nV/
√Hz
1.
Limits are 100% production tested at 25°C. Behavior at the temperature range limits is guaranteed through correlation and
by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com