Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YDA136 Datasheet(PDF) 2 Page - YAMAHA CORPORATION

Part # YDA136
Description  D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA136 Datasheet(HTML) 2 Page - YAMAHA CORPORATION

  YDA136 Datasheet HTML 1Page - YAMAHA CORPORATION YDA136 Datasheet HTML 2Page - YAMAHA CORPORATION YDA136 Datasheet HTML 3Page - YAMAHA CORPORATION YDA136 Datasheet HTML 4Page - YAMAHA CORPORATION YDA136 Datasheet HTML 5Page - YAMAHA CORPORATION YDA136 Datasheet HTML 6Page - YAMAHA CORPORATION YDA136 Datasheet HTML 7Page - YAMAHA CORPORATION YDA136 Datasheet HTML 8Page - YAMAHA CORPORATION YDA136 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
YDA136
2
■
Terminal Configuration
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
AIL
AOL
N.C.
DVSS1
MUTEN
PROTN
PRSTN
CSN
VDI
VDO
MCLK
LRCLK
SCLK
SDIN
MCKIO
DVDD1
DET
MSSEL
MONO
DVDD2
XI
XO
DVSS2
AOR
AIR
N.C.
N.C.
N.C.
VBSPL
OPMLD
OPMLU
VBBPL
OPPLU
OPPLD
VBB
OCPHL
DLYHL
DLYHR
OCPHR
VBS
OPPRD
OPPRU
VBBPR
OPMRU
OPMRD
VBSPR
N.C.
N.C.
N.C.
N.C.
<
100pin SQFP Top View>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com