Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YDA136 Datasheet(PDF) 3 Page - YAMAHA CORPORATION

Part # YDA136
Description  D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA136 Datasheet(HTML) 3 Page - YAMAHA CORPORATION

  YDA136 Datasheet HTML 1Page - YAMAHA CORPORATION YDA136 Datasheet HTML 2Page - YAMAHA CORPORATION YDA136 Datasheet HTML 3Page - YAMAHA CORPORATION YDA136 Datasheet HTML 4Page - YAMAHA CORPORATION YDA136 Datasheet HTML 5Page - YAMAHA CORPORATION YDA136 Datasheet HTML 6Page - YAMAHA CORPORATION YDA136 Datasheet HTML 7Page - YAMAHA CORPORATION YDA136 Datasheet HTML 8Page - YAMAHA CORPORATION YDA136 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
YDA136
3
■
Terminal Functions
No.
Name
I/O
Function
1
VSSR
PWR
Rch Analog Ground Terminal
2
VREFR
AO
Rch Reference Voltage Output Terminal
3
VDDR
PWR
Rch Analog Power Terminal
4
TEST
DI
Test Terminal: Usually, use it by “L” fixation.
5
OMR
AO
Rch Electron Volume Output Terminal Inverted side
6
OPR
AO
Rch Electron Volume Output Terminal Noninverted side
7
FBPR
AI
Rch Digital Amplifier Input Terminal
Noninverted side
8
FBMR
AI
Rch Digital Amplifier Input Terminal
Inverted side
9
ITPR
AO
Rch External Filter Element Connection Terminal Noninverted side
10
ITMR
AO
Rch External Filter Element Connection Terminal Inverted side
11
OFCR1
AI
Hold to “H” level.
12
OFCR2
AI
Hold to “L” level.
13
OFCR3
AI
Hold to “L” level.
14
DLYLR
AI
Rch Low-Side Driver Off-time Setting Terminal
15
OCPLR
AI
Rch Low-Side Over Current Detection Terminal
16
ONPRU
DO
Rch Low-Side Driver Output Terminal
Noninverted side (Pull-up)
17
ONPRD
DO
Rch Low-Side Driver Output Terminal
Noninverted side (Pull-down)
18
VSSPR
PWR
Rch Low-Side Driver Ground Terminal
19
ONMRD
DO
Rch Low-Side Driver Output Terminal
Inverted side (Pull-down)
20
ONMRU
DO
Rch Low-Side Driver Output Terminal
Inverted side (Pull-up)
21
VDDPR
PWR
Rch Low-Side Driver Power Terminal
22
N.C.
-
Non connection.
23
N.C.
-
Non connection.
24
N.C.
-
Non connection.
25
N.C.
-
Non connection.
26
N.C.
-
Non connection.
27
N.C.
-
Non connection.
28
N.C.
-
Non connection.
29
N.C.
-
Non connection.
30
VBSPR
PWRH Rch High-Side Driver Power Terminal
31
OPMRD
DOH
Rch High-Side Driver Output Terminal
Inverted side (Pull-down)
32
OPMRU
DOH
Rch High-Side Driver Output Terminal
Inverted side (Pull-up)
33
VBBPR
PWRH Rch High-Side Driver Power Terminal
34
OPPRU
DOH
Rch High-Side Driver Output Terminal
Noninverted side (Pull-up)
35
OPPRD
DOH
Rch High-Side Driver Output Terminal
Noninverted side (Pull-down)
36
VBS
PWRH High-Side Common Circuit Power Terminal
37
OCPHR
AIH
Rch High-Side Over Current Detection Terminal
38
DLYHR
AIH
Rch High-Side Driver Off-time Setting Terminal
39
DLYHL
AIH
Lch High-Side Driver Off-time Setting Terminal
40
OCPHL
AIH
Lch High-Side Over Current Detection Terminal
41
VBB
PWRH High-Side Common Circuit Power Terminal
42
OPPLD
DOH
Lch High-Side Driver Output Terminal
Noninverted side (Pull-down)
43
OPPLU
DOH
Lch High-Side Driver Output Terminal
Noninverted side (Pull-up)
44
VBBPL
PWRH Lch High-Side Driver Power Terminal
45
OPMLU
DOH
Lch High-Side Driver Output Terminal
Inverted side (Pull-up)
46
OPMLD
DOH
Lch High-Side Driver Output Terminal
Inverted side (Pull-down)
47
VBSPL
PWRH Lch High-Side Driver Power Terminal
48
N.C.
-
Non connection.
49
N.C.
-
Non connection.
50
N.C.
-
Non connection.
Note: DI: Digital Input Terminal, DO: Digital Output Terminal, DIO: Digital I/O Terminal, DOH:High-Side Digital Output Terminal
AI: Analog Input Terminal, AO: Analog Output Terminal, AIH:High-Side Analog Input Terminal
PWR:Low-Side Power Terminal, PWRH:High-Side Power Terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com