Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YSS944 Datasheet(PDF) 9 Page - YAMAHA CORPORATION

Part # YSS944
Description  ADAMB Advanced Digital Audio Multi channel decode processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS944 Datasheet(HTML) 9 Page - YAMAHA CORPORATION

Back Button YSS944 Datasheet HTML 5Page - YAMAHA CORPORATION YSS944 Datasheet HTML 6Page - YAMAHA CORPORATION YSS944 Datasheet HTML 7Page - YAMAHA CORPORATION YSS944 Datasheet HTML 8Page - YAMAHA CORPORATION YSS944 Datasheet HTML 9Page - YAMAHA CORPORATION YSS944 Datasheet HTML 10Page - YAMAHA CORPORATION YSS944 Datasheet HTML 11Page - YAMAHA CORPORATION YSS944 Datasheet HTML 12Page - YAMAHA CORPORATION YSS944 Datasheet HTML 13Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
YSS944/943/940
9
Function Description
Functions of the YSS944/943/940 are follows.
(1) Main Decoder Functions
• Dolby Digital decoding
- Firmware AC3 decoder is included.
- Supports Annex D.
- Supports sampling frequencies of 32 kHz, 44.1 kHz, and 48 kHz.
- 5.1-channel decoding.
• DTS decoding
- Firmware DTS decoder is included.
- Supports DTS-ES Discrete 6.1 decoding. (Sampling frequencies of 44.1 kHz and 48 kHz.)
- Supports DTS 96/24 decoding. (Output sampling frequencies of 88.2 kHz and 96 kHz.)
[Note]
- The YSS943 does not support DTS-ES Discrete 6.1 decoding.
- The YSS940 does not support any DTS decoding.
• AAC decoding
- Firmware AAC decoder is included.
- Complies with ARIB digital broadcast standard.
- Supports ADTS.
- Supports LC profile.
- Supported sampling frequencies are 32 kHz, 44.1 kHz, and 48 kHz.
- 5.1-channel decoding
• PCM 2-channel input playback
- Firmware PCM2 player is included.
- Supported sampling frequencies are 32 kHz, 44.1 kHz, 48 kHz, 64 kHz, 88.2 kHz, 96 kHz, 128 kHz,
176.4 kHz, and 192 kHz.
- Supports 24-bit word length.
- De-emphasis function.
- Input DC cutoff function.
- 1/2 down sampling function.
• PCM 6-/7-/8-channel input playback
- Firmware PCM8 player is included.
- Supported sampling frequencies are 32 kHz, 44.1 kHz, 48 kHz, 64 kHz, 88.2 kHz, 96 kHz, 128 kHz,
176.4 kHz, and 192 kHz.
- Supports 24-bit word length.
- De-emphasis function.
- Input DC cutoff function.
- Audio data input channel control function.
(2) Post Decoder Functions
The following post-decoder function can be applied to the results of main decoder described above.
• Dolby Pro Logic IIx decoding
- Firmware PL2 decoder is included.
- Expands to up to 7 channels from 2 channels of L and R.
- Expands to up to 4 channel from 2 channels of LS and RS (supports Dolby Digital EX with the
combination of Dolby Digital decoding function)
- Supported sampling frequencies are 32 kHz, 44.1 kHz, 48 kHz, 64 kHz, 88.2 kHz, 96 kHz, 176.4 kHz,
and 192 kHz.
• DTS Neo:6 decoding
- Firmware Neo:6 decoder is included.
- Expands to up to 6 channels from 2 channels of L and R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com