Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YSS944 Datasheet(PDF) 11 Page - YAMAHA CORPORATION

Part # YSS944
Description  ADAMB Advanced Digital Audio Multi channel decode processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS944 Datasheet(HTML) 11 Page - YAMAHA CORPORATION

Back Button YSS944 Datasheet HTML 7Page - YAMAHA CORPORATION YSS944 Datasheet HTML 8Page - YAMAHA CORPORATION YSS944 Datasheet HTML 9Page - YAMAHA CORPORATION YSS944 Datasheet HTML 10Page - YAMAHA CORPORATION YSS944 Datasheet HTML 11Page - YAMAHA CORPORATION YSS944 Datasheet HTML 12Page - YAMAHA CORPORATION YSS944 Datasheet HTML 13Page - YAMAHA CORPORATION YSS944 Datasheet HTML 14Page - YAMAHA CORPORATION YSS944 Datasheet HTML 15Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
YSS944/943/940
11
• Audio interface
- Master clock, bit clock, word clock, and four serial data (8ch) for input and output are provided
respectively.
- Various audio interface formats are supported.
- The bit clock rate is fixed to 64 fs.
- Supported sampling frequencies are 32 kHz, 44.1 kHz, 48 kHz, 64 kHz, 88.2 kHz, 96 kHz, 128 kHz,
176.4 kHz, and 192 kHz.
- The bit clock and word clock on the output side have switchable input/output, and can therefore be
used as either master or slave.
- A clock divider/switching function is included to enable adjustment of the input/output sampling
frequency for DTS 96/24, etc.
• Audio data output channel control
- Audio output data can be output to any of the channels for the SDO3 to SDO0 pins.
• Bypass
- Output of SDI data to SDO can bypass the internal core logic.
• User mute
- Output channels can be muted via the microprocessor interface.
• External memory interface
- Up to 4 Mb of SRAM can be connected for input delay and/or output delay.
- Access time can be adjusted via register settings.
• Input delay (lip sync)
- Input delay for adjusting synchronization between video and audio can be implemented when using
external memory.
• Output delay
- 3-/4-/5-/6-/7-/8-channel output delay with an output sampling frequency of up to 192 kHz can be
implemented without using external memory (some exceptions).
- 3-/4-/5-/6-/7-/8-channel output delay with an output sampling frequency of up to 96 kHz can be
implemented using external memory.
• Stream detection
- Encoding format detection
- Zero detection
- Input sampling frequency detection
• Auto mute
- All channels are muted automatically by detection of noise generation factor.
• Status ports
- Consecutive-zero data input detection: 1 pin.
- Auto mute period output:
1 pin.
- Interrupt request output:
1 pin.
• General purpose I/O port
- 8 general purpose I/O ports are available.
- Input and output mode can be switched by register setting.
• Internal operating clock generation
- Generates the high-speed internal operating clock by on-chip PLL.
• Power-up/power-down
- Enables power-up/power-down control of the LSI via register settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com