Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT13R90 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT13R90
Description  40-Bit Programmable Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT13R90 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT13R90 Datasheet HTML 2Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 3Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 4Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 5Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 6Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 7Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 8Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 9Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
HT13R90
Rev. 1.10
6
July 10, 2007
· Mode 0
- OMOD option bits set to 00
At power on, after the power on procedure has com-
pleted, the device will keep running continuously as
long as the RESET line remains at a high level. If the
RESET line should go low, the oscillator will stop and
the LED0 pad will change to an inactive state. The de-
vice will then enter the standby state. Any time the
RESET line goes low, the device will enter the standby
state until the RESET line again goes high.
This mode is usually used for periodic turn on and turn
off time setting applications.
The LED0 pad output signal timing and state machine
is shown below.
Output Timing Diagram for OMOD = 0,0
R E S E T
R u n n i n g S t a t e
A c t i v e
I n a c t i v e
N o t e :
L E D 0 ( O A C T = 1 )
L E D 0 ( O A C T = 0 )
T 1 B
T 1 A
T 1 A
T 1 B
F o r E v e r y
L E D 1 / 2 A c t i v e S t a t e
( N e x t B l o c k )
T 1 A = ( 2 5 6 - T M R 1 A ) x ( 1 / f T M R 1 )
T 1 B = ( 2 5 6 - T M R 1 B ) x ( 1 / f T M R 1 )
L E D 1 / 2
( L x O U T = 0 0 , L x A C T = 1 )
L E D 1 / 2
( L x O U T = 0 1 , L x A C T = 1 )
L E D 1 / 2
( L x O U T = 1 0 , L x A C T = 1 )
L E D 1 / 2
( L x O U T = 1 1 , L x A C T = 1 )
L E D 1 / 2
( L x O U T = 0 0 , L x A C T = 0 )
L E D 1 / 2
( L x O U T = 0 1 , L x A C T = 0 )
L E D 1 / 2
( L x O U T = 1 0 , L x A C T = 0 )
L E D 1 / 2
( L x O U T = 1 1 , L x A C T = 0 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com