Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT13R90 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT13R90
Description  40-Bit Programmable Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT13R90 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT13R90 Datasheet HTML 5Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 6Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 7Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 8Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 9Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 10Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 11Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 12Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
HT13R90
Rev. 1.10
9
July 10, 2007
· Mode 2
- OMOD option bits set to 10
In this mode, the TMR1B register is unused. At power
on, after the power on procedure has completed, the
device will start running. During the running state, if
the RESET line goes low, the device will enter the
standby state until the RESET line returns to a high
level. When the RESET line is high, the device will re-
load the configuration options and restart counting. If
the RESET line does not change state before count-
ing has finished, the device will automatically enter
the standby state. During the standby state, if the RE-
SET line experiences a low to high edge, then count-
ing can be restarted.
This mode can be used in practical applications to set
a certain turn-on time.
The LED0 pad output signal timing and state machine
is shown below:
Output Timing Diagram for OMOD = 1,0
R E S E T
R u n n i n g S t a t e
I n a c t i v e
N o t e :
L E D 0 ( O A C T = 1 )
L E D 0 ( O A C T = 0 )
T 1 A
T 1 A
F o r E v e r y
L E D 1 / 2 A c t i v e S t a t e
( R e f e r t o O M O D = 0 )
T 1 A = ( 2 5 6 - T M R 1 A ) x ( 1 / f T M R 1 )
L E D 1 / 2
( L x O U T = 0 0 / 1 0 , L x A C T = 1 )
L E D 1 / 2
( L x O U T = 0 1 / 1 1 , L x A C T = 1 )
L E D 1 / 2
( L x O U T = 0 0 / 1 0 , L x A C T = 0 )
L E D 1 / 2
( L x O U T = 0 1 / 1 1 , L x A C T = 0 )
P O R
S t a t e
L o a d O p t i o n
S t a r t
W a i t
( T h e S a m e a s
S t a n y b y )
R u n n i n g
( L o a d O p t i o n +
C o u n t i n g )
S t a n d b y
R e s e t = 1
R e s e t = 0
R e s e t = 1
R e s e t = 0
R e s e t = 0
P O R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com