Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC802A Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SC802A
Description  SPECIFICATION OF SC802A
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC802A Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SC802A Datasheet HTML 8Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 9Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 10Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 11Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 12Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 13Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 14Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 15Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
SC802A
VER2.1
Akihabara Inc. www.akiba-tech.com
Page 12 of 12
Instruction table
Instruction Code
Instruction
RS RW D7 D6
D5
D4
D3
D2
D1
D0
Description
Execution time
(fosc=270KHz)
Clear
Display
0
0
0
0
0
0
0
0
0
1
Write "20H" to DDRAM and
set DDRAM address to
"OOH" from AC
1.52ms
Return
Home
0
0
0
0
0
0
0
0
1
-
Set DDRAM address to
"OOH" from AC and return
cursor to its original
position if shifted. The
contents of DDRAM are
not changed.
1.52ms
Entry
Mode
Set
0
0
0
0
0
0
0
1
I/D
S
Assign cursor moving
direction and enable the
shift of entire display
38us
Display
ON/
OFF
0
0
0
0
0
0
1
D
C
B
Set display(D), cursor(C),
and blinking of cursor(B)
on/off control bit.
38us
Cursor or
Display
Shift
0
0
0
0
0
1
S/C R/L -
-
Set cursor moving and
display shift control bit,
and the direction, without
changing of DDRAM data.
38us
Function
Set
0
0
0
0
1
DL
N
F
-
-
Set interface data length
(DL: 8-bit/4-bit), numbers
of display line (N: 2-line/1-
line) and, display font type
(F:5x10dots/5x8dots)
38us
Set
CGRAM
Address
0
0
0
1
AC5 AC4 AC3 AC2 AC1 ACO Set CGRAM address in
address counter.
38us
Set
DDRAM
Address
0
0
1
AC6 AC5 AC4 AC3 AC2 AC1 ACO Set DDRAM address in
counter
38us
Read
Busy
Flag and
Address
Counter
0
1
BF AC6 AC5 AC4 AC3 AC2 AC1 ACO Whether during internal
operation or not can be
known by reading BF.
The contents of address
counter can also be read.
38us
Write Data
to
RAM
1
0
D7 D6
D5
D4
D3
D2
D1
DO
Write data into internal
RAM (DDRAM/CGRAM).
38us
Read Data
from RAM
1
1
D7 D6
D5
D4
D3
D2
D1
DO
Read data from internal
RAM (DDRAM/CGRAM).
38us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com