Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC802A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SC802A
Description  SPECIFICATION OF SC802A
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC802A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SC802A Datasheet HTML 1Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 2Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 3Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 4Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 5Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 6Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 7Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 8Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SC802A
VER2.1
Akihabara Inc. www.akiba-tech.com
Page 3 of 3
1. General description
SC161A, a dot-matrix character LCD module, design for displaying 1 line 16 row characters. Character font
is 5X7 dots with cursor. The SC161A provides two types of interfaces to MPU: 4-bit and 8-bit interfaces.
SC161A can includes EL or LED backlight for custom design. The custom can design for color of EL or LED
backlight, viewing angle and LCD type.
2. Maximum absolute limit
Characteristics
Symbol
Ratings
Remark
Operating Voltage
VDD
-0.3V to +7.0V
Driver Supply Voltage
VLCD
VDD - 12V to VDD + 0.3V
Input Voltage Range
VIN
-0.3V to VDD + 0.3V
TA1
-10°C to+60°C
Normal temperature LCM
Operating Temperature
Ta2
-20°C to+60°C
Wide temperature LCM
Storage Temperature
TSTO
-25°C to+70°C
Note: Stresses beyond those given in the Absolute Maximum Rating table may cause operational errors or
damage to the device.
3. Mechanical characteristics
a) Physical data
ITEM
Standard value
Unit
Remark
Number of characters
8×2
Module size
40.0×35.50×7.5
mm
Viewing area
30.40×14.20
mm
Active area
25.74×9.48
mm
Character size
2.78×4.49
mm
Character pith
3.75
mm
Approx. weight
g
Drive method
1/16 duty 1/5bias
b) External dimensions
0.5
DigiT r on
0.57
0.5
DATE
REV.
CHECKED:
DRAWN:
CONFIRMED:
SC802A
UNIT:mm
05/08/2003
1.0
37.7
30.4(V.A)
35.8
R1.25x4
1
R2.0x4
15
PITCH2.54x7=17.78
36
40
10.38
2
R0.5x16
R0.9x16
16
R/W
5
DB5
12
SCALE:2:1
16
15
14
13
DB7
DB6
11
10
9
DB3
DB4
DB2
8
7
6
DB1
DB0
E
VSS
1
3
4
2
V0
RS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com