Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV830 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV830
Description  High Voltage EL Lamp Driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV830 Datasheet(HTML) 1 Page - Supertex, Inc

  HV830 Datasheet HTML 1Page - Supertex, Inc HV830 Datasheet HTML 2Page - Supertex, Inc HV830 Datasheet HTML 3Page - Supertex, Inc HV830 Datasheet HTML 4Page - Supertex, Inc HV830 Datasheet HTML 5Page - Supertex, Inc HV830 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HV830
High Voltage EL Lamp Driver IC
Features
Processed with HVCMOS® technology
2.0V to 9.5V operating supply voltage
DC to AC conversion
200V peak-to-peak typical output voltage
Large output load capability typically 50nF
Permits the use of high-resistance elastomeric lamp
components
Adjustable output lamp frequency to control lamp
color,lamp life, and power consumption
Adjustable converter frequency to eliminate harmonics
and optimize power consumption
Enable/disable function
Low current draw under no load condition
Very low standby current - 30nA typical
Applications
Handheld personal computers
Electronic personal organizers
GPS units
Pagers
Cellular phones
Portable instrumentation
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
General Description
The Supertex HV830 is a high-voltage driver designed for
driving EL lamps of up to 50nF. EL lamps greater than 50nF
can be driven for applications not requiring high brightness.
The input supply voltage range is from 2.0V to 9.5V. The de-
vice uses a single inductor and a minimum number of passive
components. The nominal regulated output voltage that is
applied to the EL lamp is ±100V. The chip can be enabled by
connecting the resistors on the RSW-Osc and REL-Osc pins
to the VDD pin, and disabled when connected to GND.
The HV830 has two internal oscillators, a switching MOSFET
and a high-voltage EL lamp driver. The frequency of the
switching converter MOSFET is set by an external resistor
connected between the RSW-Osc and the VDD pins. The EL
lamp driver frequency is set by an external resistor connected
between the REL-Osc and the VDD pins. An external inductor
is connected between the LX and VDD pins. A 0.01µF to 0.1µF
capacitor is connected between the CS pin and the GND. The
EL lamp is connected between the VA and VB pins.
The switching MOSFET charges the external inductor and
discharges it into the CS capacitor. The voltage at CS will start
to increase. Once the voltage at CS reaches a nominal value
of 100V, the switching MOSFET is turned OFF to conserve
power. The output pins VA and VB are configured as an H-
bridge and are switched in opposite states to achieve 200V
peak-to-peak across the EL lamp.
Block Diagram
Disable
GND
VDD
REL-Osc
VA
CS
LX
VB
RSW-Osc
ENABLE
Q
Q
Q
Q
Output
Osc
VREF
Switch
Osc
C
+
_


Similar Part No. - HV830

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV830 SUTEX-HV830 Datasheet
306Kb / 4P
High Voltage EL Lamp Driver
HV830LG SUTEX-HV830LG Datasheet
306Kb / 4P
High Voltage EL Lamp Driver
HV830LG-G SUTEX-HV830LG-G Datasheet
805Kb / 6P
High Voltage EL Lamp Driver IC
HV830X SUTEX-HV830X Datasheet
306Kb / 4P
High Voltage EL Lamp Driver
HV830 SUTEX-HV830_13 Datasheet
805Kb / 6P
High Voltage EL Lamp Driver IC
More results

Similar Description - HV830

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV825 SUTEX-HV825_07 Datasheet
502Kb / 5P
High Voltage EL Lamp Driver IC
HV856 SUTEX-HV856 Datasheet
453Kb / 7P
High Voltage Tri-EL Lamp Driver IC
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
Low Noise, High Voltage EL Lamp Driver IC
HV823LG-G SUTEX-HV823LG-G Datasheet
621Kb / 8P
High Voltage EL Lamp Driver IC
HV823 SUTEX-HV823_13 Datasheet
1Mb / 8P
High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
Low Noise, High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_13 Datasheet
805Kb / 6P
High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_13 Datasheet
673Kb / 5P
High Voltage EL Lamp Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
EL LAMP DRIVER IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com