Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV830 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV830
Description  High Voltage EL Lamp Driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV830 Datasheet(HTML) 3 Page - Supertex, Inc

  HV830 Datasheet HTML 1Page - Supertex, Inc HV830 Datasheet HTML 2Page - Supertex, Inc HV830 Datasheet HTML 3Page - Supertex, Inc HV830 Datasheet HTML 4Page - Supertex, Inc HV830 Datasheet HTML 5Page - Supertex, Inc HV830 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
HV830
Fig.1: Test Circuit, V
IN = 3.0V
VDD = VIN = 3.0V
ON = VDD
OFF = 0V
0.01µF
200V
0.1µF2
220µH1
BAS21LT1
1.0MΩ
3.3MΩ
3.0 square inch lamp.
1nF
HV830
1
7
2
3
4
8
6
5
LX
GND
VB
VA
REL-Osc
VDD
RSW-Osc
CS
The HV830 can be easily enabled and disabled via a logic control signal on the R
SW and REL resistors as shown in Fig.4
below. The control signal can be from a microprocessor. R
SW and REL are typically very high values, therefore, only 10’s of
microamperes will be drawn from the logic signal when it is at a logic high (enable) state. When the microprocessor signal
is high the device is enabled and when the signal is low, it is disabled.
Enable/Disable Configuration
Fig. 2: Enable/Disable Configuration
VIN = VDD
ON =VDD
OFF = 0V
CS
200V
4.7µF
15V
1.0nF
LX
BAS21LT1
RSW
REL
EL Lamp
+
-
Remote Enable
HV830
1
7
2
3
4
8
6
5
LX
GND
VB
VA
REL-Osc
VDD
RSW-Osc
CS
Enable/Disable Table
R
SW Resistor
HV830
V
DD
Enable
0V
Disable
Notes:
1. Murata part # LQH4N221K04 (DC resistanve < 5.4Ω).
2. Larger values may be required depending upon supply impedence.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com