Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6036IMTX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6036IMTX/NOPB
Description  LMC603x 2.7V, Low-Power, Single-Supply, CMOS Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6036IMTX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMC6036IMTX/NOPB Datasheet HTML 4Page - Texas Instruments LMC6036IMTX/NOPB Datasheet HTML 5Page - Texas Instruments LMC6036IMTX/NOPB Datasheet HTML 6Page - Texas Instruments LMC6036IMTX/NOPB Datasheet HTML 7Page - Texas Instruments LMC6036IMTX/NOPB Datasheet HTML 8Page - Texas Instruments LMC6036IMTX/NOPB Datasheet HTML 9Page - Texas Instruments LMC6036IMTX/NOPB Datasheet HTML 10Page - Texas Instruments LMC6036IMTX/NOPB Datasheet HTML 11Page - Texas Instruments LMC6036IMTX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
5.6 Electrical Characteristics (continued)
at TJ = +25°C, V+ = 2.7V, V– = 0V, VCM = 1V, VOUT = V+ / 2, and RL > 1MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
Sourcing, V+ = 15V, VCM = 7.5V,
7.5V ≤ VO ≤ 11.5V
RL = 2kΩ to 7.5V
2000
V/mV
RL = 600Ω to 7.5V
100
1000
RL = 600Ω to to 7.5V,
TJ = –40°C to +85°C
75
Sinking, V+ = 15V, VCM = 7.5V,
3.5V ≤ VO ≤ 7.5V
RL = 2kΩ to 7.5V
500
RL = 600Ω to 7.5V
25
250
RL = 600Ω to 7.5V,
TJ = –40°C to +85°C
20
FREQUENCY RESPONSE
GBW
Gain bandwidth product
1.4
MHz
SR
Slew rate(2)
VS = 15V, 10V step
1.5
V/µs
θm
Phase margin
48
°
Gm
Gain margin
17
dB
Crosstalk
Dual and quad channel, V+ = 15V, RL = 100kΩ to 7.5V, f = 1kHz,
VOUT = 12Vpp
130
dB
OUTPUT
VO
Voltage output swing
To positive rail,
RL = 2kΩ to 1.35V
2.4
2.62
V
TJ = –40°C to +85°C
2.2
To negative rail,
RL = 2kΩ to 1.35V
0.07
0.2
TJ = –40°C to +85°C
0.4
To positive rail,
RL = 600Ω to 1.35V
2.0
2.5
TJ = –40°C to +85°C
1.8
To negative rail,
RL = 600Ω to 1.35V
0.2
0.5
TJ = –40°C to +85°C
0.7
To positive rail,
V+ = 15V, RL = 2kΩ to 7.5V
14.2
14.8
TJ = –40°C to +85°C
13.5
To negative rail,
V+ = 15V, RL = 2kΩ to 7.5V
0.12
0.4
TJ = –40°C to +85°C
0.5
To positive rail,
V+ = 15V, RL = 600Ω to 7.5V
13.5
14.5
TJ = –40°C to +85°C
13.0
To negative rail,
V+ = 15V, RL = 600Ω to 7.5V
0.36
1.25
TJ = –40°C to +85°C
1.50
ISC
Short-circuit current
Sourcing,
VOUT = 0V
4
8
mA
TJ = –40°C to +85°C
3
Sinking,
VOUT = 2.7V
3
5
TJ = –40°C to +85°C
2
POWER SUPPLY
IQ
Quiescent current
LMC6035,
VOUT = 1.5V
0.65
1.6
mA
TJ = –40°C to +85°C
1.9
LMC6036,
VOUT = 1.5V
1.3
2.7
TJ = –40°C to +85°C
3.0
(1)
Specified by design.
(2)
Number specified is the slower of the positive and negative slew rates.
LMC6035, LMC6036
SNOS875H – JANUARY 2000 – REVISED DECEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC6035 LMC6036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com