Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6036IMTX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6036IMTX/NOPB
Description  LMC603x 2.7V, Low-Power, Single-Supply, CMOS Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6036IMTX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMC6036IMTX/NOPB Datasheet HTML 9Page - Texas Instruments LMC6036IMTX/NOPB Datasheet HTML 10Page - Texas Instruments LMC6036IMTX/NOPB Datasheet HTML 11Page - Texas Instruments LMC6036IMTX/NOPB Datasheet HTML 12Page - Texas Instruments LMC6036IMTX/NOPB Datasheet HTML 13Page - Texas Instruments LMC6036IMTX/NOPB Datasheet HTML 14Page - Texas Instruments LMC6036IMTX/NOPB Datasheet HTML 15Page - Texas Instruments LMC6036IMTX/NOPB Datasheet HTML 16Page - Texas Instruments LMC6036IMTX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
5.7 Typical Characteristics (continued)
at VS = 2.7V, single supply, and TA = 25°C (unless otherwise noted)
Figure 5-25. Non-Inverting Large Signal Response
Figure 5-26. Non-Inverting Large Signal Response
Figure 5-27. Non-Inverting Large Signal Response
Figure 5-28. Non-Inverting Small Signal Response
Figure 5-29. Non-Inverting Small Signal Response
Figure 5-30. Non-Inverting Large Signal Response
www.ti.com
LMC6035, LMC6036
SNOS875H – JANUARY 2000 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LMC6035 LMC6036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com