Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC600AIMSTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC600AIMSTR
Description  mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC600AIMSTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC600AIMSTR Datasheet HTML 7Page - Semtech Corporation SC600AIMSTR Datasheet HTML 8Page - Semtech Corporation SC600AIMSTR Datasheet HTML 9Page - Semtech Corporation SC600AIMSTR Datasheet HTML 10Page - Semtech Corporation SC600AIMSTR Datasheet HTML 11Page - Semtech Corporation SC600AIMSTR Datasheet HTML 12Page - Semtech Corporation SC600AIMSTR Datasheet HTML 13Page - Semtech Corporation SC600AIMSTR Datasheet HTML 14Page - Semtech Corporation SC600AIMSTR Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC600
Applications Information (Cont.)
Mode Transition Impedance
The mode transition impedance Ro refers to the output
resistance of the charge pump before a transition to a
stronger mode occurs. Ro is dependent upon the frac-
tional charge pump, switching frequency, bucket capaci-
tor value, bucket capacitor ESR, and the internal switch
resistances.
Ro is proportional to,
1
fC
Ro can be measured to verify a low transition imped-
ance. Before measuring Ro, select the capacitors, set
the operating frequency and a constant load current. Find
the input voltage just before a weak to strong mode tran-
sition (i.e., 1.5x to 2x mode). Measure V
IN, VOUT, and IOUT
before the transition.
Ro will be,
Ro=
mode V IN V OUT
I OUT
Table 2 -Ripple Performance (Cont.)
.
o
N
t
r
a
P]
z
H
k
[
.
q
e
r
FI
T
U
O
]
A
m
[]
p
-
p
V
m
[
e
l
p
p
i
R
t
u
p
t
u
O
e
d
o
m
x
5
.
1
]
p
-
p
V
m
[
e
l
p
p
i
R
t
u
p
u
O
e
d
o
m
x
2
C
T
U
O
]
F
μ
[C
T
E
K
C
U
B
]
F
μ
[
B
0
0
6
C
S
)
1
(
V
5
.
4
80
15
1
20
51
1
2
30
40
0
30
91
1
2
6
20
2
10
45
21
1
0
5
60
2
15
15
21
1
0
5
60
2
10
35
43
3
.
01
V
0
.
4
D
0
0
6
C
S
80
15
0
10
51
1
2
30
40
4
25
41
1
2
6
20
2
10
30
21
1
0
5
60
2
11
10
21
1
0
5
60
2
15
20
43
3
.
01
Note: (1) SC600C is very similar to SC600B.
A lower value of Ro will improve efficiency, so low ESR
ceramic capacitors are required. An X7R or X5R dielec-
tric is recommended. Y5V dielectric can require 2 to 3
times the rated value of an X7R dielectric for the same
performance over the operating temperature range.
Efficiency
Efficiency for the SC600 is defined as,
η =
V O I O
V IN mode I O I Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com