Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC600AIMSTR Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC600AIMSTR
Description  mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC600AIMSTR Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC600AIMSTR Datasheet HTML 11Page - Semtech Corporation SC600AIMSTR Datasheet HTML 12Page - Semtech Corporation SC600AIMSTR Datasheet HTML 13Page - Semtech Corporation SC600AIMSTR Datasheet HTML 14Page - Semtech Corporation SC600AIMSTR Datasheet HTML 15Page - Semtech Corporation SC600AIMSTR Datasheet HTML 16Page - Semtech Corporation SC600AIMSTR Datasheet HTML 17Page - Semtech Corporation SC600AIMSTR Datasheet HTML 18Page - Semtech Corporation SC600AIMSTR Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC600
Land Pattern - MSOP-10
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
P
(C)
X
Z
G
Y
.063
.224
.011
.020
.098
(.161)
5.70
1.60
0.30
0.50
2.50
(4.10)
MILLIMETERS
DIMENSIONS
DIM
INCHES
Y
Z
G
P
X
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com