Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH3100 Datasheet(PDF) 39 Page - Semtech Corporation

Part # SH3100
Description  Supervisory IC with I2C Interface and PWM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3100 Datasheet(HTML) 39 Page - Semtech Corporation

Back Button SH3100 Datasheet HTML 35Page - Semtech Corporation SH3100 Datasheet HTML 36Page - Semtech Corporation SH3100 Datasheet HTML 37Page - Semtech Corporation SH3100 Datasheet HTML 38Page - Semtech Corporation SH3100 Datasheet HTML 39Page - Semtech Corporation SH3100 Datasheet HTML 40Page - Semtech Corporation SH3100 Datasheet HTML 41Page - Semtech Corporation SH3100 Datasheet HTML 42Page - Semtech Corporation SH3100 Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
SH3100
POWER MANAGEMENT
39
© 2006 Semtech Corp.
www.semtech.com
Register Descriptions (continued)
Address(hex): 37
Register Name INTConfig
Description
(R/W) Configures the operation
of the INT pin
Default Value: 0000 0000
Reset Event: P, W, B
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Edge or Level
I2C ShortCode
Enable
Value at INT pin GPIO polarity GPIO Direction
Enable INT
Toggling
Interrupt or
GPIO
Bit No.
Description
Bit Value
Value Description
[6]
Edge or Level
0
1
When the INT pin is programmed as an interrupt by setting
InterruptOrGPIO to 1, the INT pin signals each interrupt as a
pulse with a duration of 4 CLK0 cycles
The INT pin drives to its active level (set by GPIOPolarity bit), and
remains until the interrupt is cleared by writing the relevant bit
in the InterruptStatus register. If toggling interrupts are
required, then this bit must be set to 1
[5]
I2CShortCodeEnable
0
1
Interrupts can only be cleared with a full-length I2C access.
All active interrupts are simultaneously cleared when a short-
form version of the I2C access is sent by the microcontroller.
This allows for substantially faster interrupt clearing
[4]
ValueAtINTPin
0
1
The INT pin is being driven externally or internally to 0
The INT pin is being driven externally or internally to 1
[3]
GPIOPolarity
0
1
If InterruptOrGPIO = 0 (GPIO), then INT pin is driven to 0. If
InterruptOrGPIO = 1 (Interrupt), then INT is hard-driven to 0
when the interrupt is active, but weak-pulled to 1 when inactive
If InterruptOrGPIO = 0 (GPIO), then INT pin is driven to 1. If
InterruptOrGPIO = 1 (Interrupt), then INT is hard-driven to 1
when the interrupt is active, but weak-pulled to 0 when inactive
[2]
GPIODirection
0
1
When InterruptOrGPIO = 0 (GPIO mode), INT pin is programmed
as a general-purpose input port
When InterruptOrGPIO = 0 (GPIO mode), INT pin is programmed
as a general-purpose output port
[1]
EnableINTToggling
0
1
All Active interrupts are signaled either by a 4 cycle pulse, or by
a fixed level, as determined by the EdgeOrLevel bit in this
register
The PIT toggles the INT pin at every activation. This can be used
to generate a very slow clock independent of CLK0 and CLK1,
with a period between 61 μs and 72 hours
In this mode all other interrupts operate normally, but may be
masked if the INT pin has been driven to the active state by a
PIT timeout
[0]
InterruptOrGPIO
0
1
INT pin is used as GPIO, with direction defined by GPIODirection
bit, and polarity set by GPIOPolarity bit.
INT pin is used to signal interrupts, and hard-drives to the active
level, weak-pull to the inactive level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com