Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH3100 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SH3100
Description  Supervisory IC with I2C Interface and PWM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3100 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SH3100 Datasheet HTML 17Page - Semtech Corporation SH3100 Datasheet HTML 18Page - Semtech Corporation SH3100 Datasheet HTML 19Page - Semtech Corporation SH3100 Datasheet HTML 20Page - Semtech Corporation SH3100 Datasheet HTML 21Page - Semtech Corporation SH3100 Datasheet HTML 22Page - Semtech Corporation SH3100 Datasheet HTML 23Page - Semtech Corporation SH3100 Datasheet HTML 24Page - Semtech Corporation SH3100 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
SH3100
POWER MANAGEMENT
21
© 2006 Semtech Corp.
www.semtech.com
Register Descriptions
Address(hex): 00
Register Name WakeupTime
Description
(RW) 8 Most significant bits
of the WakeupTime .
Default Value: 0000 0000
Reset Event: P
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit No.
Description
Bit Value
Value Description
[7:0]
WakeupTime
Most significant byte of the
4-byte WakeupTime
00 (hex)
The Periodic Interval Timer (PIT) generates a periodic interrupt, the
interval of which is set by the four WakeupTime registers.
Period = WakeupTime/32768.
Setting WakeupTime to 0 disables the PIT
This register only takes effect once the least significant byte
(address 03) has been written. All four bytes should be written,
even if some have not changed
Address(hex): 01
Register Name WakeupTime
Description
(RW) Bits [23:16] of the
WakeupTime.
Default Value: 0000 0000
Reset Event: P
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit No.
Description
Bit Value
Value Description
[7:0]
WakeupTime
Bits [23:16] of the 4-byte WakeupTime
00 (hex)
See register 00 description
Address(hex): 02
Register Name WakeupTime
Description
(RW) Bits [15:8] of the
WakeupTime.
Default Value: 0000 0000
Reset Event: P
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit No.
Description
Bit Value
Value Description
[7:0]
WakeupTime
Bits [15:8] of the 4-byte WakeupTime
00 (hex)
See register 00 description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com